| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZEJQ1 Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] B15 A18 B16 A17 GPIO126 GPIO126_CFG_REG 0x5310 01F8 0x0000 05F7 UART1_CTSn 0 I Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_MDIO0_MDIO 1 IO SPI2_CS1 2 IO PR1_IEP0_EDC_SYNC_OUT1 3 O UART5_CTSn 4 I UART5_TXD 5 O GPMC0_CLKLB 6 IO GPIO126 7 IO SDFM0_CLK2 8 I SDFM1_D1 9 I ADC_EXTCH_XBAROUT8 10 O C13 A17 A14 A16 GPIO127 GPIO127_CFG_REG 0x5310 01FC 0x0000 05F7 UART2_CTSn 0 I Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_MDIO0_MDC 1 O SPI3_CS1 2 IO UART5_RXD 5 I GPMC0_BE0n_CLE 6 O GPIO127 7 IO SDFM0_D2 8 I ADC_EXTCH_XBAROUT0 10 O A15 B18 B15 GPIO128 GPIO128_CFG_REG 0x5310 0200 0x0000 05F7 SPI2_D1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO14 1 IO UART5_RXD 5 I GPMC0_AD14 6 IO GPIO128 7 IO SDFM0_CLK3 8 I SDFM1_D2 9 I ADC_EXTCH_XBAROUT9 10 O C14 D17 B14 GPIO129 GPIO129_CFG_REG 0x5310 0204 0x0000 05F7 SPI2_CLK 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO17 1 IO UART5_TXD 5 O GPMC0_WEn 6 O GPIO129 7 IO SDFM0_D3 8 I ADC_EXTCH_XBAROUT1 10 O www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 31 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |