Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CR-M048AC2L Datasheet(PDF) 8 Page - ABB

No. de pieza CR-M048AC2L
Descripción Electrónicos  Pluggable interface relays CR-M Miniature relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

CR-M048AC2L Datasheet(HTML) 8 Page - ABB

Back Button CR-M048AC2L Datasheet HTML 4Page - ABB CR-M048AC2L Datasheet HTML 5Page - ABB CR-M048AC2L Datasheet HTML 6Page - ABB CR-M048AC2L Datasheet HTML 7Page - ABB CR-M048AC2L Datasheet HTML 8Page - ABB CR-M048AC2L Datasheet HTML 9Page - ABB CR-M048AC2L Datasheet HTML 10Page - ABB CR-M048AC2L Datasheet HTML 11Page - ABB CR-M048AC2L Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 - Pluggable interface relays CR-M | Data sheet
Technical data
Input circuit - Coil data A1-A2
Rated con-
trol supply
voltage Us
Rated
frequency
Make
voltage
(at 20 °C)
Maxium
voltage
(at 55 °C)
Break
voltage
Rated power
Coil
resistance
(at 20 °C)
Tolerance of
coil
resistance
DC coils
12 V DC
-
9.6 V DC
13.2 V DC
≥ 0.1 Us
0.9 W
160 Ω
± 10 %
24 V DC
-
19.2 V DC
26.4 V DC
≥ 0.1 Us
0.9 W
640 Ω
± 10 %
48 V DC
-
38.4 V DC
52.8 V DC
≥ 0.1 Us
0.9 W
2600 Ω
± 10 %
60 V DC
-
48.0 V DC
66.0 V DC
≥ 0.1 Us
0.9 W
4000 Ω
± 10 %
110 V DC
-
88.0 V DC
121.0 V DC
≥ 0.1 Us
0.9 W
13600 Ω
± 10 %
125 V DC
-
100.0 V DC
137.5 V DC
≥ 0.1 Us
0.9 W
16000 Ω
± 10 %
220 V DC
-
176.0 V DC
242.0 V DC
≥ 0.1 Us
0.9 W
54000 Ω
± 10 %
AC coils
24 V AC
50/60 Hz
19.2 V AC
26.4 V AC
≥ 0.2 Us
1.6 VA
158 Ω
± 10 %
48 V AC
50/60 Hz
38.4 V AC
52.8 V AC
≥ 0.2 Us
1.6 VA
640 Ω
± 10 %
60 V AC
50/60 Hz
48.0 V AC
66.0 V AC
≥ 0.2 Us
1.6 VA
930 Ω
± 10 %
110 V AC
50/60 Hz
88.0 V AC
121.0 V AC
≥ 0.2 Us
1.6 VA
3450 Ω
± 10 %
120 V AC
50/60 Hz
96.0 V AC
132.0 V AC
≥ 0.2 Us
1.6 VA
3770 Ω
± 10 %
230 V AC
50/60 Hz
184.0 V AC
253.0 V AC
≥ 0.2 Us
1.6 VA
16100 Ω
± 10 %
Output circuits
Type
CR-M...2
CR-M...3
CR-M...4
Output circuits
11-12/14,
21-22/24
11-12/14,
21-22/24,
31-32/34
11-12/14,
21-22/24,
31-32/34,
41-42/44
Kind of output
Relay, 2 c/o
(SPDT) contacts
Relay, 3 c/o
(SPDT) contacts
Relay, 4 c/o
(SPDT) contacts
Contact material
AgNi
AgNi
AgNi
AgNi/Au 5 μm
Rated operational voltage Ue (IEC/EN 60947-1)
250 V
Minimum switching voltage
10 V (AgNi), 5 V (AgNi/Au)
Maximum switching voltage
250 V DC / 250 V AC
Minimum switching current
5 mA (AgNi), 2 mA (AgNi/Au)
Rated free air thermal current Ith
12 A
10 A
6 A
Rated operational current (IEC/EN 60947-5-1)
AC-12 (resistive)
230 V 12 A
10 A
6 A
AC-15 (inductive)
230 V 1.5 A
1.5 A
1 A
AC-15 (inductive)
120 V 3 A
3 A
1.5 A
DC-12 (resistive)
24 V 12 A
10 A
6 A
DC-13 (inductive)
24 V 2.5 A
2.5 A
2 A
DC-13 (inductive)
120 V 0.22 A
0.22 A
0.22 A
DC-13 (inductive)
250 V 0.1 A
0.1 A
0.1 A
AC rating *
(UL 508; NEMA ICS-5)
Utilization category (pilot duty)
(Contact rating code designation)
B300
Max. rated operational voltage
300 V AC
Max. continuous thermal current
at utilization category
5 A
2.5 A
Max. making / breaking apparent
power at utilization category
3600 / 360 VA
1800 / 180 VA
Utilization category (resistive)
(CSA22.2 No.14....)
10 A, 250 V AC
12 A, 150 V AC
6 A, 250 V AC
10 A, 150 V AC
5 A, 250 V AC
10 A, 150 V AC
DC rating *
(UL 508; NEMA ICS-5)
Utilization category (pilot duty)
(Contact rating code designation)
R300
Max. rated operational voltage
300 V DC
Max. continuous thermal current
at utilization category
1 A
Max. making / breaking apparent
power at utilization category
28 VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com