| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M93C56-RMB3TP Datasheet(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C56-RMB3TP Datasheet(HTML) 6 Page - STMicroelectronics |
|
6 / 37 page ![]() Description M93C86, M93C76, M93C66, M93C56, M93C46 6/37 1 Description The M93C86, M93C76, M93C66, M93C56 and M93C46 are electrically erasable programmable memory (EEPROM) devices. They are accessed through a Serial Data input (D) and Serial Data output (Q) using the MICROWIRE bus protocol. Figure 1. Logic diagram The memory array organization may be divided into either bytes (x8) or words (x16) which may be selected by a signal applied on Organization Select (ORG). The bit, byte and word sizes of the memories are as shown in Table 3. Table 2. Signal names Signal name Function Direction S Chip Select Input D Serial Data input Input Q Serial Data output Output C Serial Clock Input ORG Organisation Select Input VCC Supply voltage VSS Ground AI01928 D VCC M93Cx6 VSS C Q S ORG |