Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BA18 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

No. de pieza BA18
Descripción Electrónicos  ADAPTOR TEE SMA F/F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  L-COM [Infinite Electronics International, Inc.]
Página de inicio  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA18 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA18 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.0 [25.4]
.6
SMA RECEPTACLE
(3 PLACES)
.32±.10 [8.13]
NOTES:
MATERIALS:
BODY, NICKEL-PLATED BRASS
INSULATOR, TEFLON
CONTACTS, GOLD-PLATED COPPER ALLOY
.250-36UNS-2A
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA18
B
BA18.SLDDRW
1
1
TJC
10/18/00
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
ZW
ENG
10/18/00
10/18/00
10/18/00
A
B
RELEASED FOR PRODUCTION
ECN 3124: UPDATE DWG FORMAT
12/19/07
TJC
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR TEE SMA F/F/F
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Número de pieza similar - BA18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
BA180 NJSEMI-BA180 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
More results

Descripción similar - BA18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
SMA-F to BNC-F
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
N (F) TO SMA (M) ADAPTOR
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
logo
PHOENIX CONTACT
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com