| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XISO6440DFPR Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6440DFPR Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 56 page ![]() 10 Device and Documentation Support 10.1 Documentation Support 10.1.1 Related Documentation For related documentation, see the following: • Texas Instruments, ISO6440 Technical Documents • Texas Instruments, ISO6441 Technical Documents • Texas Instruments, ISO6442 Technical Documents • Texas Instruments, SN6501 Transformer Driver for Isolated Power Supplies, data sheet 10.2 Receiving Notification of Documentation Updates To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on Notifications to register and receive a weekly digest of any product information that has changed. For change details, review the revision history included in any revised document. 10.3 Support Resources TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight from the experts. Search existing answers or ask your own question to get the quick design help you need. Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of Use. 10.4 Device Nomenclature ISO64 Xx Y PKG R Package Designator D = SOIC DBQ = SSOP DFP = Wide-SSOP DW = Wide-SOIC DWV = Wide-SOIC Tape & Reel Y = Default Output Level: Y = Blank (no su x) for default output HIGH Y = F for default output LOW X = Total number of channels x = Number of reverse channels Digital Isola on Family Figure 10-1. Device Nomenclature 10.5 Trademarks TI E2E™ is a trademark of Texas Instruments. All trademarks are the property of their respective owners. ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 34 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |