Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M93C46-RMB6TG Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza M93C46-RMB6TG
Descripción Electrónicos  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C46-RMB6TG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M93C46-RMB6TG Datasheet HTML 9Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 10Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 11Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 12Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 13Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 14Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 15Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 16Page - STMicroelectronics M93C46-RMB6TG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Instructions
13/37
Table 6.
Instruction set for the M93C56 and M93C66
Instruction
Description
Start
bit
Op-
code
x8 origination (ORG = 0)
x16 origination (ORG = 1)
Address
(1) (2)
Data
Required
clock cycles
Address
(1) (3)
Data
Required
clock cycles
READ
Read Data from
Memory
1
10
A8-A0
Q7-Q0
A7-A0
Q15-Q0
WRITE
Write Data to
Memory
1
01
A8-A0
D7-D0
20
A7-A0
D15-D0
27
WEN
Write Enable
1
00
1 1XXX
XXXX
12
11XX
XXXX
11
WDS
Write Disable
1
00
0 0XXX
XXXX
12
00XX
XXXX
11
ERASE
Erase Byte or
Word
1
11
A8-A0
12
A7-A0
11
ERAL
Erase All
Memory
100
1 0XXX
XXXX
12
10XX
XXXX
11
WRAL
Write All Memory
with same Data
100
0 1XXX
XXXX
D7-D0
20
01XX
XXXX
D15-D0
27
1.
X = Don't Care bit.
2.
Address bit A8 is not decoded by the M93C56.
3.
Address bit A7 is not decoded by the M93C56.
Table 7.
Instruction set for the M93C76 and M93C86
Instruction
Description
Start
bit
Op-
code
x8 Origination (ORG = 0)
x16 Origination (ORG = 1)
Address(1),
(2)
Data
Required
clock
cycles
Address
(1) (3)
Data
Required
clock
cycles
READ
Read Data from
Memory
1
10
A10-A0
Q7-Q0
A9-A0
Q15-Q0
WRITE
Write Data to
Memory
1
01
A10-A0
D7-D0
22
A9-A0
D15-D0
29
WEN
Write Enable
1
00
11X XXXX
XXXX
14
11 XXXX
XXXX
13
WDS
Write Disable
1
00
00X XXXX
XXXX
14
00 XXXX
XXXX
13
ERASE
Erase Byte or Word
1
11
A10-A0
14
A9-A0
13
ERAL
Erase All Memory
1
00
10X XXXX
XXXX
14
10 XXXX
XXXX
13
WRAL
Write All Memory
with same Data
100
01X XXXX
XXXX
D7-D0
22
01 XXXX
XXXX
D15-D0
29
1.
X = Don't Care bit.
2.
Address bit A10 is not decoded by the M93C76.
3.
Address bit A9 is not decoded by the M93C76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37