| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OPB2 Datasheet(PDF) 60 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPB2 Datasheet(HTML) 60 Page - ABB |
|
60 / 192 page ![]() Locking accessories — Padlocking adapter For a padlock with max. 3.5 mm bail. Suitable for switches Type Order code Weight/ unit kg OT63...125 SA1 GJF1 101 903 R000 0.01 — Door interlock bracket for pistol handles Prevents defeating the door interlock. Suitable for switches Type Order code Weight/ unit kg For pistol handles OH_45...275 OHZX4 1SCA022467R2470 0.03 — Cam attachment Cam attachment for Castell, Lowe & Fletcher and Ronis interlock. Lock, handle or shaft are not included. Mounting on OXP shaft working together with external OH door handle. Suitable for switches Type Order code Weight/ unit kg OT16…160 OETLZW16 1SCA022093R2070 0.17 — Accessories for manual switch-disconnectors OT16...160 Ordering information for locking accessories OETLZW16 OHZX4 SA1 60 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 60 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |