Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CW1073ABCS Datasheet(PDF) 17 Page - CellWise Microelectronics

No. de pieza CW1073ABCS
Descripción Electrónicos  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CELLWISE [CellWise Microelectronics]
Página de inicio  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073ABCS Datasheet(HTML) 17 Page - CellWise Microelectronics

Back Button CW1073ABCS Datasheet HTML 9Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 10Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 11Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 12Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 13Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 14Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 15Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 16Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 17Page - CellWise Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
3. Add PWM control instructions
1.3
Modify
Zeng
Kang
Zeng Kang Zeng Kang
4. Added ESD level description
2019-01-14
System: (a) intended for surgical implantation in the human body, or (b)
17
2. Modify CW1073AADS parameters
2018-06-29
Zhou Jun
Zhou Jun
The details are as follows:
Effect.
1.4
Saiwei Microelectronics Co., Ltd. does not assume any responsibility for any problems arising from the application of any product or circuit described in this document; it does not transfer any
2. Critical components refer to those components in life support equipment or systems.
Zeng Kang
2018-01-25
1. Added CW1073AAES model
Zeng Kang
Without the formal written authorization of the President of Siwei Microelectronics, its products may not be used as critical components in life support devices or systems.
Zhou Jun
Follow the instructions to perform the correct operation, but if the operation fails,
Zhou Jun
Date Version
Zhou Jun
2. Increase the upper and lower limits of parameters
1.5 Added CW1073AAFS, CW1073AAGS models 1.6 1. Added CW1073AAJS, AAKS,
AAIS product models
Zeng Kang
1. Modify the reference application circuit
approve
2019-06-18
sustain or maintain life, and even if used according to the instructions
or system failure, or affect its safety and use
Modify Project
3. Modify the discharge over-temperature recovery condition and the description of the balancing function
Zhou Jun
2. Adjust the over-discharge delay accuracy
2018-08-14
2017-08-25
Zeng Kang
Zhou Jun
No license or other rights are conveyed.
1. Life support devices or systems are devices or systems that
1.0 New version of the manual released
1.1 Added CW1073AACS model 1.2 Added CW1073AADS
model
Failure of this device can lead to the failure of the entire life support device
© 2017-2019 Cellwise Microelectronics
2018-11-26
To improve the reliability, function or design of the product, Saiwei Microelectronics reserves the right to make changes without prior notice.
Will cause serious harm to the user.
Version History
CW1073
statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17