Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM124AFK Datasheet(PDF) 19 Page - Texas Instruments

No. de pieza LM124AFK
Descripción Electrónicos  Quadruple operationl amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM124AFK Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM124AFK Datasheet HTML 15Page - Texas Instruments LM124AFK Datasheet HTML 16Page - Texas Instruments LM124AFK Datasheet HTML 17Page - Texas Instruments LM124AFK Datasheet HTML 18Page - Texas Instruments LM124AFK Datasheet HTML 19Page - Texas Instruments LM124AFK Datasheet HTML 20Page - Texas Instruments LM124AFK Datasheet HTML 21Page - Texas Instruments LM124AFK Datasheet HTML 22Page - Texas Instruments LM124AFK Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM324KADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM324KANSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
LM324KAPWR
TSSOP
PW
14
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
LM324KDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
LM324KNSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
LM324KPWR
TSSOP
PW
14
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
LM324NSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
LM324PWR
TSSOP
PW
14
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM224ADR
SOIC
D
14
2500
346.0
346.0
33.0
LM224DR
SOIC
D
14
2500
346.0
346.0
33.0
LM224KADR
SOIC
D
14
2500
346.0
346.0
33.0
LM224KDR
SOIC
D
14
2500
346.0
346.0
33.0
LM2902DR
SOIC
D
14
2500
333.2
345.9
28.6
LM2902DR
SOIC
D
14
2500
346.0
346.0
33.0
LM2902KDBR
SSOP
DB
14
2000
346.0
346.0
33.0
LM2902KDR
SOIC
D
14
2500
346.0
346.0
33.0
LM2902KNSR
SO
NS
14
2000
346.0
346.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27