| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74LS3292 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LS3292 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 10 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-7604301VEA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 76043012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 7604301EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 7604301FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type JM38510/31202B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type JM38510/31202BEA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type JM38510/31202BFA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SN54LS283J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54S283J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN74283N OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS283D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS283N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74LS283NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74LS283NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74LS283NSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74S283D OBSOLETE SOIC D 16 TBD Call TI Call TI SN74S283N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74S283N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74S283NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SNJ54LS283FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54LS283J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54LS283W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type SNJ54S283FK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type SNJ54S283J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SNJ54S283W ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type PACKAGE OPTION ADDENDUM www.ti.com 9-Oct-2007 Addendum-Page 1 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |