Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

WHASC Datasheet(PDF) 7 Page - Whirlpool.

No. de pieza WHASC
Descripción Electrónicos  How to install, operate and maintain your Whirlpool® Anti-Scale System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WHIRLPOOL [Whirlpool.]
Página de inicio  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WHASC Datasheet(HTML) 7 Page - Whirlpool.

Back Button WHASC Datasheet HTML 2Page - Whirlpool. WHASC Datasheet HTML 3Page - Whirlpool. WHASC Datasheet HTML 4Page - Whirlpool. WHASC Datasheet HTML 5Page - Whirlpool. WHASC Datasheet HTML 6Page - Whirlpool. WHASC Datasheet HTML 7Page - Whirlpool. WHASC Datasheet HTML 8Page - Whirlpool. WHASC Datasheet HTML 9Page - Whirlpool. WHASC Datasheet HTML 10Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Installation Instructions
5. COMPLETE PLUMBING TO AND FROM
THE SYSTEM
Using the “Typical Installation Illustrations” on the
previous page as a guide, observe all of the following
instructions while you connect inlet and outlet plumb-
ing:
=
Be sure incoming, untreated water is directed to
the “UPFLOW INLET” port. It may be necessary to
plumb a crossover if the water pipe’s flow is from
right to left.
=
Be sure to install bypass valve(s).
=
If making a soldered copper installation, do all
sweat soldering before connecting pipes to the
included plastic adapters. Torch heat will damage
plastic parts.
=
Use pipe joint compound on all external pipe
threads.
=
When turning threaded pipe fittings onto plastic
fittings, use care not to cross-thread.
=
Support inlet and outlet plumbing in some manner
(use pipe hangers) to keep the weight off of the
system.
6. FLUSH PIPES AND TEST FOR LEAKS
IMPORTANT: To avoid water or air pressure damage
to system inner parts, be sure to do the
following steps exactly as listed:
a. Fully open two treated water faucets, one cold and
one hot, nearby the system.
b. Place bypass valve(s) into BYPASS position. On a
single valve, turn both handles perpendicular to
water flow (See Fig. 5). On a 3 valve system, close
the inlet and outlet valves, and open the bypass
valve (See Fig. 4).
c. Fully open the house main water pipe shutoff
valve. Observe a steady flow from both opened
faucets.
d. Close both faucets.
e. Check your plumbing work for leaks and, if any are
found, fix right away. Be sure to observe all instruc-
tions in the previous section, “Complete Plumbing
to and from the System”.
f. Turn on the gas or electric supply to the water
heater. Light the pilot, if applicable.
7. START UP PROCEDURE
a. Place bypass valve(s) into SERVICE position,
EXACTLY as follows:
=
Single Bypass Valve: Turn the outlet (marked
downflow inlet on head) handle parallel to water
flow. Slowly turn the upflow inlet handle parallel
to water flow, pausing several times to allow the
system to pressurize slowly.
=
3 Valve Bypass: Fully close the bypass valve
and open the outlet valve. Slowly open the inlet
valve, pausing several times to allow the system
to pressurize slowly.
b. Check all connections for leaks.
c. Fully open a cold water faucet, downstream from
the system, and allow 50 gallons (190 liters) of
water to pass through the system. This should take
at least 20 minutes. Close the faucet.
d. Snap the top cover back in place on top of the rim.



Html Pages

1 2 3 4 5 6 7 8 9 10