Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSP51LM Datasheet(PDF) 3 Page - Clarke International

No. de pieza CSP51LM
Descripción Electrónicos  SELF PROPELLED LAWNMOWER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARKE [Clarke International]
Página de inicio  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSP51LM Datasheet(HTML) 3 Page - Clarke International

  CSP51LM Datasheet HTML 1Page - Clarke International CSP51LM Datasheet HTML 2Page - Clarke International CSP51LM Datasheet HTML 3Page - Clarke International CSP51LM Datasheet HTML 4Page - Clarke International CSP51LM Datasheet HTML 5Page - Clarke International CSP51LM Datasheet HTML 6Page - Clarke International CSP51LM Datasheet HTML 7Page - Clarke International CSP51LM Datasheet HTML 8Page - Clarke International CSP51LM Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
Model
CSP51LM
Part number
2345684
Dimensions L x W x D
1520 x 550 x 1050 mm
Weight (empty)
29 kg
Engine
SRV180 (Euro V)
Capacity
180 cc
Power
3.8 kW
Speed of rotation
3600 rpm
Fuel type
Petrol
Oil capacity & type
0.40L (SAE 10W/30)
Fuel tank capacity
1 Litre
Fuel consumption (max rpm)
1.6 L/hr
Running time @100% load
45 min (calculated)
Spark plug type
F7RTC
Width of cut
51cm
Cutting height range
25-75mm (7 adjustments)
Collection capacity
65L
Drive speed
1m/s
Rounded sound power level
98 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com