Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

5LS Datasheet(PDF) 5 Page - Clarke International

No. de pieza 5LS
Descripción Electrónicos  5 LITRE HAND SPRAYER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARKE [Clarke International]
Página de inicio  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

5LS Datasheet(HTML) 5 Page - Clarke International

  5LS Datasheet HTML 1Page - Clarke International 5LS Datasheet HTML 2Page - Clarke International 5LS Datasheet HTML 3Page - Clarke International 5LS Datasheet HTML 4Page - Clarke International 5LS Datasheet HTML 5Page - Clarke International 5LS Datasheet HTML 6Page - Clarke International 5LS Datasheet HTML 7Page - Clarke International 5LS Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
1. Unscrew the handle and pump
assembly and fill the container
with the desired liquid.
2. Screw the handle and pump
assembly back on firmly.
3. Release the carrying lugs from the
pump body by twisting the handle
anticlockwise.
4. Pressurise the container by
pumping the handle.
5. Squeeze the trigger to begin
spraying. When the spray
weakens, pump the handle to re-
pressurise the container.
6. Push the trigger down and
forward to lock in position to
maintain a constant spray without
needing to hold the trigger. Slide
the trigger back to release.
7. Adjust the width of the spray by
twisting the tip of the nozzle.
8. If leaks or poor delivery are experienced, always check the connections.
9. Push the pump handle downward and twist left or right to engage the
carrying lugs in the cap when lifting the unit.
AFTER USE
After use, the sprayer should be flushed thoroughly with clean water to avoid
the possibility of blockages from product residue, or any cross-contamination
between different products.
Store in a cool place out of reach of children.
If not used for long periods or used continuously for several days, add a light
smear of vaseline to the sealing washers and moving parts to reduce wear
and assist free movement.
Always release any pressure before storage.



Html Pages

1 2 3 4 5 6 7 8