| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RA4E1 Datasheet(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4E1 Datasheet(HTML) 12 Page - Renesas Technology Corp |
|
12 / 81 page ![]() 1.6 Pin Assignments The following figures show the pin assignments from the top view. 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 VCC VSS P015 P014 VREFH AVCC0 AVSS0/VREFL VREFL0 VREFH0 P004 P003 P002 P001 P013 P300/TCK/SWCLK P301 P302 P303 P304 P201/MD RES P208 P205 P206 P207 VCC_USB USB_DP USB_DM VSS_USB P200 P000 P500 Figure 1.3 Pin assignment for LQFP 64-pin P300/TCK/SWCLK P302 P200 P201/MD RES P206 P207 VCC_USB USB_DP USB_DM VSS_USB P301 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 P500 P014 P013 VREFH AVCC0 AVSS0/VREFL VREFL0 VREFH0 P002 P001 P000 P015 Exposed die pad Note: Exposed die pad is recommended to connect to VSS. Figure 1.4 Pin assignment for QFN 48-pin RA4E1 Datasheet 1. Overview R01DS0391EJ0130 Rev.1.30 Jun 6, 2025 Page 12 of 81 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |