| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZEJQ1 Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] H2 H1 E1 F1 GPIO60 GPIO60_CFG_REG 0x5310 00F0 0x0000 05F7 EPWM8_B 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO15 1 IO OSPI1_CLK 2 O MCAN0_TX 3 O OSPI0_CLK 5 O GPMC0_AD15 6 IO GPIO60 7 IO UART4_RXD 8 I EPWM9_B 10 O G1 K4 F2 F2 GPIO61 GPIO61_CFG_REG 0x5310 00F4 0x0000 05F7 EPWM9_A 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD LIN1_TXD 1 IO OSPI0_RESET_OUT0 2 O SPI2_CLK 3 IO UART1_TXD 4 O OSPI1_RESET_OUT0 5 O GPIO61 7 IO EPWM9_A 10 O J2 L2 F3 G1 GPIO62 GPIO62_CFG_REG 0x5310 00F8 0x0000 05F7 EPWM9_B 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD LIN1_RXD 1 IO OSPI0_CSn0 2 O UART1_RTSn 3 O OSPI1_CSn0 5 O GPIO62 7 IO G4 J2 GPIO63 GPIO63_CFG_REG 0x5310 00FC 0x0000 05F7 LIN0_RXD 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD UART1_CTSn 1 I I2C0_SDA 3 IO UART2_TXD 4 O GPIO63 7 IO EPWM7_B 10 O J3 J1 GPIO64 GPIO64_CFG_REG 0x5310 0100 0x0000 05F7 LIN0_TXD 0 IO Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD UART2_RTSn 1 O OSPI0_RESET_OUT0 2 O I2C0_SCL 3 IO UART4_TXD 4 O GPIO64 7 IO www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 41 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |