Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO74557LP10 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO74557LP10
Descripción Electrónicos  SIM Card Interface Level Shifter with EMI Filter and ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO74557LP10 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO74557LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO74557LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DIO74557
www.dioo.com
© 2024 Dioo Microcircuits Co.,Ltd. Jiangsu
DIO74557• Rev. 1.5
- 2 -
Pin Assignments
Figure 1. Pin assignment (Top view)
Pin Description
Pin Name
Description
RST_HOST
Reset input from the host controller.
VCCA
Supply voltage for the host controller side input/output pins (CLK_HOST, RST_HOST, IO_HOST).
The VCCA voltage ranges from 1.08 V to 1.95 V. This pin should be bypassed with a 0.1 μF ceramic
capacitor close to the pin.
RST_SIM
Reset the output pin for the SIM card. This pin is pulled low during shutdown through a 400 Ω
resistor.
CLK_HOST
Clock input from the host controller.
GND
Ground. This pin is the ground reference for the integrated circuit and associated signals.
CLK_SIM
Clock output pin for the SIM card. This pin is pulled low during shutdown through a 400 Ω resistor.
IO_HOST
Host controller bidirectional data input/output. The host output must be on an open-drain driver.
VCCB
SIM card supply voltage. When VCCB is below the VCCB_DIS, the device is disabled. The VCCB voltage
ranges from 1.65 V to 3.6 V. This pin should be bypassed with a 0.1 μF ceramic capacitor close to
the pin.
IO_SIM
SIM card bidirectional data input/output. The SIM card output must be on an open-drain driver.
This pin is pulled low during shutdown through a 400 Ω resistor.
EN
Enable pin. This pin should be HIGH (VCCA) for normal operation, and LOW to help avoid race
conditions specifically during the shutdown sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12