| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GW-JDSTS1-EM Datasheet(PDF) 2 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
GW-JDSTS1-EM Datasheet(HTML) 2 Page - ams-OSRAM AG |
|
2 / 25 page ![]() Ordering Information Bestellinformation Type: Color Temperature Luminous Flux 1) page 25 Ordering Code Typ: Farbtemperatur Lichtstrom 1) Seite 25 Bestellnummer I F = 65 mA [K] ΦV [lm] GW JDSTS1.EM-HPHR-A838-1 2700 28 ... 35.9 Q65111A8720 GW JDSTS1.EM-HPHR-XX58-1 2700 28 ... 35.9 Q65111A9451 GW JDSTS1.EM-HPHR-A737-1 3000 28 ... 35.9 Q65111A8721 GW JDSTS1.EM-HPHR-XX57-1 3000 28 ... 35.9 Q65111A9444 GW JDSTS1.EM-HPHR-A636-1 3500 28 ... 35.9 Q65111A8722 GW JDSTS1.EM-HPHR-XX56-1 3500 28 ... 35.9 Q65111A9446 GW JDSTS1.EM-HQHS-A636-1 3500 30.4 ... 39 Q65111A9981 GW JDSTS1.EM-HQHS-XX56-1 3500 30.4 ... 39 Q65111A9988 GW JDSTS1.EM-HPHR-A535-1 4000 28 ... 35.9 Q65111A8723 GW JDSTS1.EM-HPHR-XX55-1 4000 28 ... 35.9 Q65111A9448 GW JDSTS1.EM-HQHS-A535-1 4000 30.4 ... 39 Q65111A9982 GW JDSTS1.EM-HQHS-XX55-1 4000 30.4 ... 39 Q65111A9989 GW JDSTS1.EM-HQHS-A333-1 5000 30.4 ... 39 Q65111A8717 GW JDSTS1.EM-HQHS-XX53-1 5000 30.4 ... 39 Q65111A9435 GW JDSTS1.EM-HQHS-A232-1 5700 30.4 ... 39 Q65111A8718 GW JDSTS1.EM-HQHS-XX52-1 5700 30.4 ... 39 Q65111A9437 GW JDSTS1.EM-HQHS-A131-1 6500 30.4 ... 39 Q65111A8719 GW JDSTS1.EM-HQHS-XX51-1 6500 30.4 ... 39 Q65111A9450 Note: The above Type Numbers represent the order groups which include only a few brightness groups (see page 6). Only one group will be shipped on each packing unit (there will be no mixing of two groups on each packing unit). E. g. GW JDSTS1.EM-HPHR-XX58-1 means that only one group HP, HQ, HR will be shippable for any packing unit. In a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shipped on any one packing unit. GW JDSTS1.EM-HPHR-XX58-1 means that the device will be shipped within the specified limits. In a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be shipped on any packing unit. E. g. GW JDSTS1.EM-HPHR-XX58-1 means that only one forward voltage group K1,K2,L1,L2,M1,M2 will be shippable. 2017-07-05 2 Version 1.2 GW JDSTS1.EM |