| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G2H Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2H Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 3. Electrical Characteristics R01DS0483EJ0101 Rev.1.01 Page 39 of 169 Jun 30, 2025 Item Symbol Voltage Unit Remarks Min. Typ. Max. Power supply (0.9-VI/O[USB3]) VDD09_USB3n (n = 0, 1) 0.75 0.82 0.88 V VDD09_USB3n (n = 0, 1) for power supply and VSS for ground Power supply (0.9-VI/O[USB3HS]) VDD09_USB3HS n (n = 0, 1) 0.75 0.82 0.88 V VDD09_USB3HSn (n = 0, 1) for power supply and VSS for ground Power supply (0.9-VI/O[USB2]) VDD09_USB2n (n = 0, 1, 2) 0.75 0.82 0.88 V VDD09_USB2n (n = 0, 1, 2) for power supply and VSS for ground Power supply (0.9-VI/O[HDMI]) VDDQ09_HDMIn (n = 0, 1) 0.75 0.82 0.88 V VDDQ09_HDMIn (n = 0, 1) for power supply and VSS for ground Power supply (0.9-VI/O[LVDS]) VDDQ09_LVDS 0.75 0.82 0.88 V VDDQ09_LVDS for power supply and VSS for ground Power supply (0.9-VI/O[CSI]) VDD09_CSIn (n = 0 to 3) 0.75 0.82 0.88 V VDD09_CSIn (n = 0 to 3) for power supply and VSS for ground Power supply (PLL[LVDS]) VDD09_ LVDSPLL 2 0.75 0.82 0.88 V VDD09_LVDSPLL2 for power supply and VSS for ground respectively Power supply (PLL[CPG]) VDD18_CPGPLLn (n = 0 to 4) 1.7 1.8 1.9 V VDD18_CPGPLLn (n = 0 to 4) for power supply and VSS_CPGPLLn (n = 0 to 4) for ground Power supply (PLL[MLB]) VDD18_MLBPLL 1.7 1.8 1.9 V VDD18_MLBPLL for power supply and VSS_MLBPLL for ground respectively Power supply (PLL[DU]) VDD18_DUPLLn (n = 0, 1) 1.7 1.8 1.9 V VDD18_DUPLLn (n = 0, 1) for power supply and VSS_DUPLLn (n = 0, 1) for ground respectively Power supply (PLL[LVDS]) VDD18_LVDSPLL 1 1.7 1.8 1.9 V VDD18_LVDSPLL 1 for power supply and VSS for ground respectively Power supply (PLL[DDR]) VDD09_DDRPLLn (n = 0, 1) 0.75 0.82 0.88 V VDD09_DDRPLLn (n = 0, 1) for power supply and VSS for ground respectively Note: 1. Only for RZ/G2H, RZ/G2N. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |