| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/G2M Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G2M Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 169 page ![]() RZ/G Series, 2nd Generation Datasheet Section 3. Electrical Characteristics R01DS0483EJ0101 Rev.1.01 Page 34 of 169 Jun 30, 2025 Item Value Unit Remarks Input voltage (3.3-V I/O [USB3HS]) -0.3 to VDD33_USB3HSn + 0.3 V *1 Input voltage (3.3-V I/O [USB2H]) -0.3 to VDDQ33_USB2Hn + 0.3 V *1 Input voltage (3.3-V I/O [USB2]) -0.3 to VDDQ33_USB2 + 0.3 V *1 Input voltage (2.5-V I/O [ETH]) -0.3 to VDDQ25_ETH + 0.3 V *2 Input voltage (1.8-V I/O) -0.3 to VDDQ18 + 0.3 V *3 Input voltage (1.8-V I/O [HDMI]) -0.3 to VDDQ18_HDMIn + 0.3 V *3 Input voltage (1.8-V I/O [VDDQ18_LVDS]) -0.3 to VDDQ18_LVDS + 0.3 V *3 Input voltage (1.8-V I/O [VDDQ18_CSIn]) -0.3 to VDDQ18_CSIn + 0.3 V *3 Intput voltage (1.8-V I/O [VDDQ18_PCIEn]) -0.3 to VDDQ18_PCIEn + 0.3 V *3 Input voltage (1.8-V I/O [VDDQVA_SDn]) -0.3 to VDDQVA_SDn + 0.3 V *3, SDR50, SDR104 Input voltage (1.1-V I/O [VDDQVA_DDRn]) -0.3 to VDDQVA_DDRn + 0.3 V *4, LPDDR4 Input voltage (0.9-V I/O [VDD09_SATA]) -0.3 to VDD09_SATA + 0.3 V *5 Input voltage (0.9-V I/O [VDD09_PCIEn]) -0.3 to VDD09_PCIEn + 0.3 V *5 Input voltage (0.9-V I/O [VDD09_USB3n]) -0.3 to VDD09_USB3n + 0.3 V *5 Input voltage (0.9-V I/O [VDD09_USB3HSn]) -0.3 to VDD09_USB3HSn + 0.3 V *5 Input voltage (0.9-V I/O [VDD09_USB2n]) -0.3 to VDD09_USB2n + 0.3 V *5 Input voltage (0.9-V I/O [VDDQ09_HDMIn]) -0.3 to VDDQ09_HDMIn + 0.3 V *5 Input voltage (0.9-V I/O [VDDQ09_LVDS]) -0.3 to VDDQ09_LVDS + 0.3 V *5 Input voltage (0.9-V I/O [VDD09_CSIn]) -0.3 to VDD09_CSIn + 0.3 V *5 Output voltage (3.3-V I/O) -0.3 to VDDQ33 + 0.3 V *1 Output voltage (3.3-V I/O [SDHI]) -0.3 to VDDQVA_SDn + 0.3 V *1 Output voltage (3.3-V I/O [SATA]) -0.3 to VDD33_SATA + 0.3 V *1 Output voltage (3.3-V I/O [PCIE]) -0.3 to VDD33_PCIEn + 0.3 V *1 Output voltage (3.3-V I/O [USB3]) -0.3 to VDD33_USB3n + 0.3 V *1 Output voltage (3.3-V I/O [USB3HSH]) -0.3 to VDD33_USB3HSHn + 0.3 V *1 Output voltage (3.3-V I/O [USB3HS]) -0.3 to VDD33_USB3HSn + 0.3 V *1 Output voltage (3.3-V I/O [USB2H]) -0.3 to VDDQ33_USB2Hn + 0.3 V *1 Output voltage (3.3-V I/O [USB2]) -0.3 to VDDQ33_USB2 + 0.3 V *1 Output voltage (3.3-V I/O [GE]) -0.3 to VDDQ25_GE + 0.3 V *1 Output voltage (3.3-V I/O [AVB]) -0.3 to VDDQ25_AVB + 0.3 V *1 Output voltage (3.3-V I/O [VDDQ_DU]) -0.3 to VDDQ_DU + 0.3 V *1 Output voltage (3.3-V I/O [VDDQ_VIN01]) -0.3 to VDDQ_VIN01 + 0.3 V *1 Output voltage (2.5-V I/O [ETH]) -0.3 to VDDQ25_ETH + 0.3 V *2 Output voltage (2.5-V I/O [GE]) -0.3 to VDDQ25_GE + 0.3 V *2 Output voltage (2.5-V I/O [AVB]) -0.3 to VDDQ25_AVB + 0.3 V *2 Output voltage (1.8-V I/O) -0.3 to VDDQ18 + 0.3 V *3 Output voltage (1.8-V I/O [HDMI]) -0.3 to VDDQ18_HDMIn + 0.3 V *3 Output voltage (1.8-V I/O [VDDQ18_LVDS]) -0.3 to VDDQ18_LVDS + 0.3 V *3 Output voltage (1.8-V I/O [VDDQ18_CSIn]) -0.3 to VDDQ18_CSIn + 0.3 V *3 Output voltage (1.8-V I/O [VDDQVA_SDn]) -0.3 to VDDQVA_SDn + 0.3 V *3, SDR50, SDR104 Output voltage (1.8-V I/O [VDDQ18_DU]) -0.3 to VDDQ_DU + 0.3 V *3 Output voltage (1.8-V I/O [VDDQ_VIN01]) -0.3 to VDDQ_VIN01 + 0.3 V *3 Output voltage (1.1-V I/O [VDDQVA_DDRn]) -0.3 to VDDQVA_DDRn + 0.3 V *4, LPDDR4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |