Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACMC2 Datasheet(PDF) 1 Page - Speco Technologies.

No. de pieza ACMC2
Descripción Electrónicos  Mobile Credential for BLE Reader
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECO [Speco Technologies.]
Página de inicio  https://www.specotech.com/
Logo SPECO - Speco Technologies.

ACMC2 Datasheet(HTML) 1 Page - Speco Technologies.

  ACMC2 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Up to 15ft read range
•Supports both presentation and longer-range options
•Bluetooth Low Energy: operates with mobile ready readers
•High Security Encryption Technology: protected behind the smartphone’s security parameters
•Respect for Privacy: easy one-time registration without disclosure of private information\
•Non-transferable
•Pack quantity: 25 codes
•NDAA Compliant*
Mobile Credential for BLE Reader
ACMC2
mobile credential for BLE reader
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/19/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Technical Specification
Technology
Bluetooth Low Energy (BLE)
Frequency
2.4 GHz
Type
Smartphone mobile access credential, downloadable via app
Operation
iPhone® or Android™ - based smartphones
Format
Wiegand (26-bit)
Marking
Date code and ID
Read Range
ACSR35L: Up to 15ft (4.6m)
Supporting Readers
ACSR35L
ACS
*Products are in compliance with NDAA Section 889 Part B Guidelines


Número de pieza similar - ACMC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Speco Technologies.
ACMC2 SPECO-ACMC2 Datasheet
443Kb / 1P
Smartcard Reader & Keypad
1/10/22
ACMC2 SPECO-ACMC2 Datasheet
442Kb / 1P
Smartcard Reader & Keypad
1/10/22
ACMC2 SPECO-ACMC2 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
ACMC2 SPECO-ACMC2 Datasheet
651Kb / 1P
Proximity Reader and Keypad
7/30/24
ACMC2 SPECO-ACMC2 Datasheet
677Kb / 1P
Proximity Reader and Keypad
8/8/24
More results

Descripción similar - ACMC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
BLE Module
logo
IOGEAR
GOFR214 IOGEAR-GOFR214 Datasheet
151Kb / 3P
GoFor2 - USB OTG Card Reader for PC/Mac & Mobile Devices
GOFRH202 IOGEAR-GOFRH202 Datasheet
152Kb / 2P
GoFor2 -USB OTG Card Reader with Hub for Mobile Devices
logo
EnOcean GmbH.
PTM535BZ ENOCEAN-PTM535BZ Datasheet
161Kb / 1P
Transmitter module for BLE and Zigbee
May 2021
logo
ELATEC GmbH
T4BT-BB2BEL7-XB ELATEC-T4BT-BB2BEL7-XB Datasheet
232Kb / 4P
TWN4 MultiTech 2 LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4BT-FB2BEL7 ELATEC-T4BT-FB2BEL7 Datasheet
230Kb / 4P
TWN4 MultiTech 2Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4FK-BBFRLM7 ELATEC-T4FK-BBFRLM7 Datasheet
264Kb / 3P
TWN4 USB Front Reader LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4QC-DC3B7 ELATEC-T4QC-DC3B7 Datasheet
231Kb / 4P
TWN4 Slim LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4QC-FC3B7 ELATEC-T4QC-FC3B7 Datasheet
231Kb / 4P
TWN4 Slim Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
T4WK-F01EU7 ELATEC-T4WK-F01EU7 Datasheet
359Kb / 4P
TWN4 Palon Compact Wall Multi-frequency RFID reader (LF/HF/NFC/BLE) for in-wall mounting
11/2023
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com