Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACMC2 Datasheet(PDF) 1 Page - Speco Technologies.

No. de pieza ACMC2
Descripción Electrónicos  Smartcard Reader & Keypad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPECO [Speco Technologies.]
Página de inicio  https://www.specotech.com/
Logo SPECO - Speco Technologies.

ACMC2 Datasheet(HTML) 1 Page - Speco Technologies.

  ACMC2 Datasheet HTML 1Page - Speco Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•Up to 15 feet of read range
•Keypad with contactless smartcard and mobile
credential access support
•Digital Radio Frequency Identification (RFID) platform
•Supports both sector and card serial number (CSN) reads
•Offers the option of mobile access credentials loaded on
Bluetooth Low Energy (BLE) enabled smartphones or
contactless smartcard module
•IP67 compliant, weather resistant
•Tamper resistant
•Lifetime warranty
Smartcard Reader & Keypad
ACSR64L
Single-gang smartcard reader and keypad
Speco Technologies is constantly developing and improving products. We reserve the right to modify product design and specifications without notice and without incurring any obligation. Spec Rev. 1/10/22
800-645-5516 • Fax: 631-957-9142 or 631-957-3880 • specotech.com
Features
Technical Specification
Model
Keypad and Long-Range Mobile-Ready Contactless Smartcard Reader
Technology
Contactless smartcard and Bluetooth Low Energy (BLE)
Frequency
13.56 MHz (contactless smartcard) and 2.4 GHz (BLE)
Mounting
Single-gang wall box, as well as flat surfaces
Dimensions
3” W × 4.6” H × 0.75” D (76 mm × 117 mm × 19 mm)
Certifications
FCC, ICC, CE, UL Standard 294
IP Code
IP67
Voltage
+8 -14 VDC
Current Draw
60 mA typical, 250 mA peak @ 12 VDC
Read Range
Physical Credentials: Up to 2 inches (51 mm)
Mobile Credentials: Up to 15 feet (4.6 m)
Cabling
24 AWG minimum, multiconductor stranded with an overall foil sheild
Interface
Wiegand 26-bit
Operating Temperature
–31° F to 150° F (–35° C to +66° C)
Audio Tone
Beeper included standard
Indoor & Outdoor Installation
Electronics sealed in weather- and tamper-resistant epoxy potting
Warranty
Lifetime warranty
LED
Four-state standard (red, green, amber, and off)
Technologies Supported
Interoperable with CSN10 (may include ISO 14443 compliant credentials and MIFARE®
Classic 1k & 4k, MIFARE® DESFire® EV1 & EV2, MIFARE UltraLight® and MIFARE Plus®),
and Sector (may include Delta Card Sector11, such as MIFARE® Classic 1k & 4k, MIFARE®
DESFire® EV1 & EV2, as well as FIPS201 [PIV Type A], TWIC, and CAC credentials), as well
as Conekt Mobile Access Credentials
ACS
Optional Accessory
ACSM2P
Smartcard Credential
ACSC2
Clamshell Credential
ACSK2
Key fob
ACMC2
Mobile Credential
IP67
*Products are in compliance with NDAA Section 889 Part B Guidelines


Número de pieza similar - ACMC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Speco Technologies.
ACMC2 SPECO-ACMC2 Datasheet
248Kb / 1P
Mobile Credential for BLE Reader
1/19/22
ACMC2 SPECO-ACMC2 Datasheet
443Kb / 1P
Smartcard Reader & Keypad
1/10/22
ACMC2 SPECO-ACMC2 Datasheet
483Kb / 1P
Contactless Proximity Reader
1/10/22
ACMC2 SPECO-ACMC2 Datasheet
651Kb / 1P
Proximity Reader and Keypad
7/30/24
ACMC2 SPECO-ACMC2 Datasheet
677Kb / 1P
Proximity Reader and Keypad
8/8/24
More results

Descripción similar - ACMC2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
OKI electronic componet...
ML69240 OKI-ML69240 Datasheet
92Kb / 13P
Intelligent Microcontroller Driven Dual Smartcard Reader IC
logo
FCI connector
7434L0825S01 FCI-CONNECTOR-7434L0825S01 Datasheet
94Kb / 1P
SMARTCARD ASSEMBLY
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
Keypad
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
Keypad
logo
Schurter Inc.
PIEZOKEYPADS SCHURTER-PIEZOKEYPADS Datasheet
547Kb / 4P
Piezo Keypad
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com