| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA015T Datasheet(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015T Datasheet(HTML) 23 Page - STMicroelectronics |
|
23 / 55 page ![]() 23/55 STA015 STA015B STA015T ADPCM_DATA BUFFER Address: 0x40 - 0x51 (64 - 81) Type: R/W Software Reset: 0x00 Hardware Reset: 0x00 ANCCOUNT_L Address: 0x41 (65) Type: RO Software Reset: 0x00 Hardware Reset: 0x00 ANCCOUNT_H Address: 0x42 (66) Type: RO Software Reset: 0x00 Hardware Reset: 0x00 ANCCOUNT_H ANCCOUNT registers are logically concatenated and indicate the number of Ancillary Data bits available at every correctly decoded MPEG frame. HEAD_H[23:16] x = don’t care MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 ENCODED DATA N to N+18 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 AC15 AC14 AC13 AC12 AC11 AC10 AC9 AC8 MSB LSB b7 b6 b5 b4 b3 b2 b1 b0 X X X H20 H19 H18 H17 H16 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |