Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

16F874 Datasheet(PDF) 12 Page - Microchip Technology

No. de pieza 16F874
Descripción Electrónicos  EEPROM Memory Programming Specification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F874 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 16F874 Datasheet HTML 8Page - Microchip Technology 16F874 Datasheet HTML 9Page - Microchip Technology 16F874 Datasheet HTML 10Page - Microchip Technology 16F874 Datasheet HTML 11Page - Microchip Technology 16F874 Datasheet HTML 12Page - Microchip Technology 16F874 Datasheet HTML 13Page - Microchip Technology 16F874 Datasheet HTML 14Page - Microchip Technology 16F874 Datasheet HTML 15Page - Microchip Technology 16F874 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PIC16F87X
DS39025F-page 12
 2002 Microchip Technology Inc.
3.0
CONFIGURATION WORD
The PIC16F87X has several configuration bits. These
bits can be set (reads ‘0’), or left unchanged (reads ‘1’),
to select various device configurations.
3.1
Device ID Word
The device ID word for the PIC16F87X is located at
2006h.
TABLE 3-1:
DEVICE ID VALUE
Device
Device ID Value
Dev
Rev
PIC16F870
00 1101 000
x xxxx
PIC16F871
00 1101 001
x xxxx
PIC16F872
00 1000 111
x xxxx
PIC16F873
00 1001 011
x xxxx
PIC16F874
00 1001 001
x xxxx
PIC16F876
00 1001 111
x xxxx
PIC16F877
00 1001 101
x xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22