| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VBWFD2 Datasheet(PDF) 9 Page - Midas Components |
|
|
|||||||||||||||||||||||||||||
VBWFD2 Datasheet(HTML) 9 Page - Midas Components |
|
9 / 15 page ![]() NO Item Criterion AQL 05 Scratches Follow NO.3 OLED black spots, white spots, contamination 06 Chipped glass Symbols Define: x: Chip length y: Chip width z: Chip thickness k: Seal width t: Glass thickness a: OLED side length L: Electrode pad length: 6.1 General glass chip : 6.1.1 Chip on panel surface and crack between panels: z: Chip thickness y: Chip width x: Chip length Z≦1/2t Not over viewing area x≦1/8a 1/2t<z≦2t Not exceed 1/3k x≦1/8a ☉If there are 2 or more chips, x is total length of each chip. 6.1.2 Corner crack: z: Chip thickness y: Chip width x: Chip length Z≦1/2t Not over viewing area x≦1/8a 1/2t<z≦2t Not exceed 1/3k x≦1/8a ☉If there are 2 or more chips, x is the total length of each chip. 2.5 Page 9 of 15 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |