Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP2HD4K60H Datasheet(PDF) 4 Page - StarTech.com Ltd.

No. de pieza DP2HD4K60H
Descripción Electrónicos  DisplayPort to HDMI Adapter with HDR - 4K 60Hz - Black
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARTECH [StarTech.com Ltd.]
Página de inicio  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP2HD4K60H Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DP2HD4K60H Datasheet HTML 1Page - StarTech.com Ltd. DP2HD4K60H Datasheet HTML 2Page - StarTech.com Ltd. DP2HD4K60H Datasheet HTML 3Page - StarTech.com Ltd. DP2HD4K60H Datasheet HTML 4Page - StarTech.com Ltd. DP2HD4K60H Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
3 Years
Hardware
Active or Passive Adapter
Active
Adapter Style
Adapters
Audio
Yes
AV Input
DisplayPort
AV Output
HDMI
Chipset ID
MegaChips - MCDP2900
Industry Standards
DPCP (DisplayPort Content Protection)
HDCP 2.2 (High Definition Content Protection)
DisplayPort 1.4
HDMI 2.0b
Ports
1
Performance
Audio Specifications
7.1 surround sound
Maximum Digital Resolutions
4096 X 2160 @ 24Hz
3840 X 2160 @ 60Hz
Supported Resolutions
4096 X 2160 @ 24Hz
3840 X 2160 @ 60Hz
Lower resolutions and refresh rates may also be supported
Video Revision
HDMI 2.0b
Wide Screen Supported
Yes
Connector(s)
Connector A
1 - DisplayPort (20 pin) Latching Male Input
Connector B
1 - HDMI (19 pin) Female Output
Special Notes /
Requirements
Note
This video adapter is not compatible with cables that use
RedMere™ technology.
In order to achieve maximum performance of this product,
both the source and destination devices must support the
appropriate specifications
Environmental
Humidity
25%-60%RH
Operating Temperature
5°C ~ 35°C (41 F°~95 F°)
Storage Temperature
-20°C to 60°C (-4°F to 140°F)
Physical
Characteristics
Cable Length
122 mm [4.8 in]
Color
Black
Enclosure Type
Plastic
Product Height
11.4 mm [0.4 in]
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com