| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1441-40BK3.. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
1441-40BK3.. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd. |
|
1 / 3 page ![]() 10/24/2017 Steel Chassis (1441 Series) - Hammond Mfg. https://www.hammfg.com/electronics/small-case/chassis/1441 1/3 Chassis available in black or gray. Six models available with walnut sides (see table below for compatibility). Steel Chassis 1441 Series Powder Coated, Real Walnut Side Option Key Features Spot welded steel - heavy duty construction chassis. Finished in ASA 61 smooth grey or satin black powder paint. Optional bottom plates are punched with 4 holes – 3/16” diameter (Chassis now includes 1/8” holes to allow installation of optional bottom plates). Hardware not provided, please order separately - Part number 1421J6 (Pkg. of 6, 6-32 Philips head screws). Rubber feet sold separately Some models accept chassis covers (1451 series) UPGRADE to our Satin Black Chassis with Walnut Sides (available for some sizes, refer to table below) Photo Features Quality Products. Service Excellence. |
Número de pieza similar - 1441-40BK3.. |
|
Descripción similar - 1441-40BK3.. |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |