Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1437MB Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

No. de pieza 1437MB
Descripción Electrónicos  Type 12 Mild Steel Pushbutton Enclosures 1437 Series Extra Deep
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1437MB Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1437MB Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1437MB Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3/10/23, 10:22 AM
Type 12 Mild Steel Pushbutton Enclosures (1437 Series) - Hammond Mfg.
https://www.hammfg.com/electrical/products/operator/1437
2/2
Data subject to change without notice
30.5mm PB
22.5mm PB
No. of
Enclosure
Part No.
Part No.
Holes
H
W
D
1437D
1437MD
4
10.00
4.00
4.75
1437F
1437MF
4
7.25
6.25
4.75
1437H
1437MH
6
9.50
6.25
4.75
1437K
1437MK
9
9.50
8.50
4.75
1437O
1437MO
12
11.75
8.50
4.75
1437S
1437MS
16
11.75
10.75
4.75
1437V
1437MV
20
14.00
10.75
4.75
1437X
1437MX
25
14.00
13.00
4.75
¹ Not hinged
© 2023. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com