Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CHA5056 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

No. de pieza CHA5056
Descripción Electrónicos  17-27GHz High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5056 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5056 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 7Page - United Monolithic Semiconductors CHA5056 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
17-27GHz High Power Amplifier
CHA5056
Ref: DSCHA50567211 - 30 Jul 07
3/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Gain & Pout versus Pin @Freq=17GHz
8
10
12
14
16
18
20
22
24
26
28
30
32
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
Pin (dBm)
Gain (dB)
Pout (dBm)
Linear Gain & P1dB & Psat versus Frequency
14
16
18
20
22
24
26
28
30
32
16
17
18
19
20
21
22
23
24
25
26
27
28
Frequency (GHz)
Linear Gain (dB)
P1dB (dBm)
Psat (dBm)
Typical Measured Performance
Pulsed On wafer measurement (without bonding wires at the RF ports)
Tamb = +25°C, Vd = +4.5V, Small Signal Id = 890mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com