| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MLT4H-LP Datasheet(PDF) 2 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MLT4H-LP Datasheet(HTML) 2 Page - PANDUIT CORP. |
|
2 / 3 page ![]() ELECTRICAL SOLUTIONS Order number of pieces required, in multiples of Standard Package Quantity. Prime items appear in BOLD. B2. Cable Accessories C1. Wiring Duct C3. Abrasion Protection C4. Cable Management D1. Terminals D2. Power Connectors E1. Labeling Systems E2. Labels E3. Pre-Printed & Write-On Markers F. Index B3. Stainless Steel Ties C2. Surface Raceway E5. Lockout/ Tagout & Safety Solutions B1. Cable Ties A. System Overview D3. Grounding Connectors E4. Permanent Identification Pan-Steel® Self-Locking Cable Ties – MLT Series (continued) *Other lengths available, contact Panduit Customer Service. **Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32. ***For information on installation tools, refer to pages B3.14 – B3.16. mm In. mm In. mm In. N Lbs. mm In. mm In. Std. Ctn. Qty. Std. Pkg. Qty. Recommended Installation Tool*** Thickness Width Min. Bundle Diameter Min. Loop Tensile Strength** Length* Max. Bundle Diameter Part Number Light-Heavy Cross Section MLT2LH-LP 2.0 51 7.9 201 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 GS4MT, HTMT, PPTMT, ST2MT 50 250 MLT4LH-LP 4.0 102 14.3 362 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 50 250 MLT6LH-LP 6.0 152 20.5 521 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 50 250 MLT8LH-LP 8.0 203 26.8 679 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 50 250 Heavy Cross Section MLT2H-LP 2.0 51 7.9 201 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 GS4MT, ST2MT, HTMT, PPTMT, PBTMT 50 250 MLT2.7H-LP 2.7 69 10.2 259 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT4H-LP 4.0 102 14.3 362 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT6H-LP 6.0 152 20.5 521 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT8H-LP 8.0 203 26.8 679 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT10H-LP 10.0 254 33.0 838 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 50 250 MLT12H-Q 12.0 304 39.3 998 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 25 125 MLT14H-Q 14.0 355 45.5 1156 450 2000 0.50 12.7 0.31 7.9 0.010 0.25 25 125 Extra-Heavy Cross Section MLT4EH-LP 4.0 102 17.1 434 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 ST2MT, RT2HT, RT2HTN, PBTMT 50 250 MLT6EH-LP 6.0 152 23.4 594 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 50 250 MLT8EH-LP 8.0 203 29.7 754 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 50 250 MLT10EH-LP 10.0 254 35.9 912 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 50 250 MLT12EH-Q 12.0 305 42.2 1072 600 2670 1.00 25.4 0.50 12.7 0.010 0.25 25 125 MLT4EH15-LP 4.0 102 17.1 434 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 MLT6EH15-LP 6.0 152 23.4 594 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 MLT8EH15-LP 8.0 203 29.7 754 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 MLT10EH15-LP 10.0 254 35.9 912 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 50 250 MLT12EH15-Q 12.0 305 42.2 1072 700 3115 1.00 25.4 0.50 12.7 0.015 0.38 25 125 Super-Heavy Cross Section MLT4SH-LP 4.0 102 17.1 434 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 RT2HT, RT2HTN, PBTMT 50 250 MLT6SH-LP 6.0 152 23.4 594 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 50 250 MLT8SH-LP 8.0 203 29.7 754 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 50 250 MLT10SH-LP 10.0 254 35.9 912 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 50 250 MLT12SH-Q 12.0 305 42.2 1072 900 4005 1.00 25.4 0.63 15.9 0.015 0.38 25 125 AISI 316 Stainless Steel – For Superior Corrosion Resistance Standard Cross Section MLT1S-CP316 1.0 25 5.0 127 200 890 0.50 12.7 0.18 4.6 0.010 0.25 GS4MT, HTMT, PPTMT, ST2MT 100 500 MLT2S-CP316 2.0 51 7.9 201 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT2.7S-CP316 2.7 69 10.2 259 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT4S-CP316 4.0 102 14.3 362 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT6S-CP316 6.0 152 20.5 521 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT8S-CP316 8.0 203 26.8 679 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 MLT10S-CP316 10.0 254 33.0 838 200 890 0.50 12.7 0.18 4.6 0.010 0.25 100 500 Light-Heavy Cross Section MLT2LH-LP316 2.0 51 7.9 201 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 GS4MT, HTMT, PPTMT, ST2MT 50 250 MLT4LH-LP316 4.0 102 14.3 362 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 50 250 MLT6LH-LP316 6.0 152 20.5 521 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 50 250 MLT8LH-LP316 8.0 203 26.8 679 250 1112 0.50 12.7 0.25 6.4 0.010 0.25 50 250 |