Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MLT6H-LP Datasheet(PDF) 3 Page - PANDUIT CORP.

No. de pieza MLT6H-LP
Descripción Electrónicos  System for Pan-Steel® Cable Ties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MLT6H-LP Datasheet(HTML) 3 Page - PANDUIT CORP.

  MLT6H-LP Datasheet HTML 1Page - PANDUIT CORP. MLT6H-LP Datasheet HTML 2Page - PANDUIT CORP. MLT6H-LP Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
mm
In.
mm
In.
mm
In.
N
Lbs.
mm
In.
mm
In.
Std.
Ctn.
Qty.
Std.
Pkg.
Qty.
Recommended
Installation
Tool***
Thickness
Width
Min.
Bundle
Diameter
Min. Loop
Tensile
Strength**
Length*
Max.
Bundle
Diameter
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Pan-Steel® Self-Locking Cable Ties – MLT Series (continued)
*Other lengths available, contact Panduit Customer Service.
**Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32.
***For information on installation tools, refer to pages B3.14 – B3.16.
Heavy Cross Section
MLT2H-LP316
2.0
51
7.9
201
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
GS4MT, ST2MT, HTMT,
PPTMT, PBTMT
50
250
MLT2.7H-LP316
2.7
69
10.2
259
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT4H-LP316
4.0
102
14.3
362
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT6H-LP316
6.0
152
20.5
521
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT8H-LP316
8.0
203
26.8
679
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
MLT10H-LP316
10.0
254
33.0
838
450
2000 0.50 12.7 0.31
7.9
0.010
0.25
50
250
Extra-Heavy Cross Section
MLT4EH-LP316
4.0
102
17.1
434
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
ST2MT, RT2HT,
RT2HTN, PBTMT
50
250
MLT6EH-LP316
6.0
152
23.4
594
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
50
250
MLT8EH-LP316
8.0
203
29.7
754
600
2670 1.00 25.4 0.50 12.7 0.010
0.25
50
250
MLT4EH15-LP316
4.0
102
17.1
434
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
MLT6EH15-LP316
6.0
152
23.4
594
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
MLT8EH15-LP316
8.0
203
29.7
754
700
3115 1.00 25.4 0.50 12.7 0.015
0.38
50
250
Super-Heavy Cross Section
MLT4SH-LP316
4.0
102
17.1
434
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
RT2HT, RT2HTN,
PBTMT
50
250
MLT6SH-LP316
6.0
152
23.4
594
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
50
250
MLT8SH-LP316
8.0
203
29.7
754
900
4005 1.00 25.4 0.63 15.9 0.015
0.38
50
250



Html Pages

1 2 3