| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MLT2H-LP Datasheet(PDF) 3 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
MLT2H-LP Datasheet(HTML) 3 Page - PANDUIT CORP. |
|
3 / 8 page ![]() Marker Plates and Tags • Provides permanent identification of pipes, conduit, valves, cables, and equipment in harsh environments • Delivers long life when exposed to chemicals, vibration, radiation, weathering, and extreme temperatures • Available in Stainless Steel, Aluminum, or Brass materials • Designed for use with Pan-Steel® Stainless Steel Cable Ties for fast installation at lowest installed cost • For on-site custom marking use with Panduit embossing or indenting systems Style A Style C Style D Style B Permanent Identification System Part Number Style Material Length/ Diameter Width/ Diameter Thickness Used with Pan-Steel® Cable Ties** For Use With Std. Pkg. Qty.^ Std. Ctn. Qty. In. mm In. mm In. mm MIM PES197 PES400 MMP172W38-M A 304 Stainless Steel 1.72 44.0 0.38 10.0 0.010 0.25 MLT-S 3 3 1000 4000 MMP172-C B 304 Stainless Steel 1.72 44.0 0.75 19.0 0.010 0.25 MLT-S 3 100 1000 MMP172-M B 304 Stainless Steel 1.72 44.0 0.75 19.0 0.010 0.25 MLT-S 3 3 1000 4000 MMP337W53-MAL-4 C 304 Stainless Steel 3.37 85.6 2.12 53.8 0.016 0.41 MLT-S 3 3 1000 4000 MMP337W71-MAL-3 D 304 Stainless Steel 3.37 85.6 2.12 53.8 0.016 0.41 MLT-S 3 3 1000 4000 MMP350W38-C E 304 Stainless Steel 3.50 89.0 0.38 10.0 0.010 0.25 MLT-S 3 100 1000 MMP350W38-C316 E 316 Stainless Steel 3.50 89.0 0.38 10.0 0.010 0.25 MLT-S 3 100 1000 MMP350W38-M E 304 Stainless Steel 3.50 89.0 0.38 10.0 0.010 0.25 MLT-S 3 3 3 1000 4000 MMP350W38-M316 E 316 Stainless Steel 3.50 89.0 0.38 10.0 0.010 0.25 MLT-S 3 3 3 1000 4000 MMP350HW54-MAL F Aluminum 3.50 89.0 0.54 13.7 0.012 0.30 MLT-H 3 3 3 1000 4000 MMP350-C G 304 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-S 3 100 1000 MMP350-C316 G 316 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-S 3 100 1000 MMP350-M G 304 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-S 3 3 3 1000 4000 MMP350-M316 G 316 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-S 3 3 3 1000 4000 MMP350DB-C H 304 Stainless Steel 3.50 89.0 1.12 29.0 0.015 0.38 MLT-H 3 100 1000 MMP350DB-C316 H 316 Stainless Steel 3.50 89.0 1.12 29.0 0.015 0.38 MLT-H 3 100 1000 MMP350H-C I 304 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-H 3 100 1000 MMP350H-C316 I 316 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-H 3 100 1000 MMP350H-CAL I Aluminum 3.50 89.0 0.75 19.0 0.012 0.30 MLT-H 3 100 1000 MMP350H-M I 304 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-H 3 3 3 1000 4000 MMP350H-M316 I 316 Stainless Steel 3.50 89.0 0.75 19.0 0.010 0.25 MLT-H 3 3 3 1000 4000 MMP350H-MAL I Aluminum 3.50 89.0 0.75 19.0 0.010 0.25 MLT-H 3 3 3 1000 4000 MMP350W17-Q-M J 304 Stainless Steel 3.50 89.0 1.73 44.0 0.015 0.38 MLT-S 3 3 1000 4000 Style E Style I Style J Style F Style G Style H 3 |