Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MLT4H-LP Datasheet(PDF) 3 Page - PANDUIT CORP.

No. de pieza MLT4H-LP
Descripción Electrónicos  Panduit Permanent Identification System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MLT4H-LP Datasheet(HTML) 3 Page - PANDUIT CORP.

  MLT4H-LP Datasheet HTML 1Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 2Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 3Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 4Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 5Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 6Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 7Page - PANDUIT CORP. MLT4H-LP Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Marker Plates and Tags
• Provides permanent identification of pipes, conduit, valves, cables,
and equipment in harsh environments
• Delivers long life when exposed to chemicals, vibration, radiation,
weathering, and extreme temperatures
• Available in Stainless Steel, Aluminum, or Brass materials
• Designed for use with Pan-Steel® Stainless Steel Cable Ties for fast
installation at lowest installed cost
• For on-site custom marking use with Panduit embossing or indenting
systems
Style A
Style C
Style D
Style B
Permanent Identification System
Part Number
Style
Material
Length/
Diameter
Width/
Diameter
Thickness
Used with
Pan-Steel®
Cable Ties**
For Use With
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
MIM
PES197 PES400
MMP172W38-M
A
304 Stainless Steel
1.72
44.0
0.38
10.0
0.010
0.25
MLT-S
3
3
1000
4000
MMP172-C
B
304 Stainless Steel
1.72
44.0
0.75
19.0
0.010
0.25
MLT-S
3
100
1000
MMP172-M
B
304 Stainless Steel
1.72
44.0
0.75
19.0
0.010
0.25
MLT-S
3
3
1000
4000
MMP337W53-MAL-4
C
304 Stainless Steel
3.37
85.6
2.12
53.8
0.016
0.41
MLT-S
3
3
1000
4000
MMP337W71-MAL-3
D
304 Stainless Steel
3.37
85.6
2.12
53.8
0.016
0.41
MLT-S
3
3
1000
4000
MMP350W38-C
E
304 Stainless Steel
3.50
89.0
0.38
10.0
0.010
0.25
MLT-S
3
100
1000
MMP350W38-C316
E
316 Stainless Steel
3.50
89.0
0.38
10.0
0.010
0.25
MLT-S
3
100
1000
MMP350W38-M
E
304 Stainless Steel
3.50
89.0
0.38
10.0
0.010
0.25
MLT-S
3
3
3
1000
4000
MMP350W38-M316
E
316 Stainless Steel
3.50
89.0
0.38
10.0
0.010
0.25
MLT-S
3
3
3
1000
4000
MMP350HW54-MAL
F
Aluminum
3.50
89.0
0.54
13.7
0.012
0.30
MLT-H
3
3
3
1000
4000
MMP350-C
G
304 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-S
3
100
1000
MMP350-C316
G
316 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-S
3
100
1000
MMP350-M
G
304 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-S
3
3
3
1000
4000
MMP350-M316
G
316 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-S
3
3
3
1000
4000
MMP350DB-C
H
304 Stainless Steel
3.50
89.0
1.12
29.0
0.015
0.38
MLT-H
3
100
1000
MMP350DB-C316
H
316 Stainless Steel
3.50
89.0
1.12
29.0
0.015
0.38
MLT-H
3
100
1000
MMP350H-C
I
304 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-H
3
100
1000
MMP350H-C316
I
316 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-H
3
100
1000
MMP350H-CAL
I
Aluminum
3.50
89.0
0.75
19.0
0.012
0.30
MLT-H
3
100
1000
MMP350H-M
I
304 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-H
3
3
3
1000
4000
MMP350H-M316
I
316 Stainless Steel
3.50
89.0
0.75
19.0
0.010
0.25
MLT-H
3
3
3
1000
4000
MMP350H-MAL
I
Aluminum
3.50
89.0
0.75
19.0
0.010
0.25
MLT-H
3
3
3
1000
4000
MMP350W17-Q-M
J
304 Stainless Steel
3.50
89.0
1.73
44.0
0.015
0.38
MLT-S
3
3
1000
4000
Style E
Style I
Style J
Style F
Style G
Style H
3



Html Pages

1 2 3 4 5 6 7 8