Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

B72214P2 Datasheet(PDF) 3 Page - EPCOS

No. de pieza B72214P2
Descripción Electrónicos  SIOV metal oxide varistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B72214P2 Datasheet(HTML) 3 Page - EPCOS

  B72214P2 Datasheet HTML 1Page - EPCOS B72214P2 Datasheet HTML 2Page - EPCOS B72214P2 Datasheet HTML 3Page - EPCOS B72214P2 Datasheet HTML 4Page - EPCOS B72214P2 Datasheet HTML 5Page - EPCOS B72214P2 Datasheet HTML 6Page - EPCOS B72214P2 Datasheet HTML 7Page - EPCOS B72214P2 Datasheet HTML 8Page - EPCOS B72214P2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 105
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
1 time
A
In 1)
(8/20 µs)
15 times
A
Wmax
(2 ms)
J
Pmax
W
B72214P2131K102
S14K130E2K55 130
170
6000
3000
60.0
0.60
B72214P2141K102
S14K140E2K55 140
180
6000
3000
65.0
0.60
B72214P2151K102
S14K150E2K55 150
200
6000
3000
70.0
0.60
B72214P2171K102
S14K175E2K55 175
225
6000
3000
80.0
0.60
B72214P2211K102
S14K210E2K55 210
270
6000
3000
95.0
0.60
B72214P2231K103
S14K230E2K55 230
300
6000
3000
105.0
0.60
B72214P2251K103
S14K250E2K55 250
320
6000
3000
115.0
0.60
B72214P2271K104
S14K275E2K55 275
350
6000
3000
130.0
0.60
B72214P2301K103
S14K300E2K55 300
385
6000
3000
140.0
0.60
B72214P2321K102
S14K320E2K55 320
420
6000
3000
150.0
0.60
B72214P2351K103
S14K350E2K55 350
460
6000
3000
165.0
0.60
B72214P2381K102
S14K385E2K55 385
505
6000
3000
180.0
0.60
B72214P2421K104
S14K420E2K55 420
560
6000
3000
190.0
0.60
B72214P2461K102
S14K460E2K55 460
615
6000
3000
200.0
0.60
1) Note: Nominal discharge current I
n according to UL 1449, 4
th edition.
Leaded varistors
B72214P2***
AdvanceD-MP, S14 compact series
Page 3 of 23
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23