| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HVC43 Datasheet(PDF) 1 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
HVC43 Datasheet(HTML) 1 Page - EPCOS |
|
1 / 13 page ![]() High-voltage contactor Gas-filled contactor for high-voltage DC switching Series/Type: HVC43 Ordering code: B88269X* Date: 2022-03-16 Version: 05 TDK Electronics AG 2022. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without TDK Electronics' prior express consent is prohibited. Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! Identification/Classification 1 (header 1 + top left bar): High-voltage contactor Identification/Classification 2 (header 2 + bottom left header bar): Gas-filled contactor for high-voltage DC switching Ordering code: (top right header bar) B88269X* Series/Type: (bottom right header bar) HVC43 Preliminary data (optional): Department: PPD AB PD / PPD AB PM Date: 2022-03-16 Version: 05 |
Número de pieza similar - HVC43 |
|
Descripción similar - HVC43 |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |