| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
30215 Datasheet(PDF) 21 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
30215 Datasheet(HTML) 21 Page - Wiha Tools |
|
21 / 44 page ![]() 21 www.wihatools.com Made in Germany 6 Pc. Set Item No. T6, T7, T8, T9, lbs. 36293 T10, T15 .78 Screwdriver, With Wiha-Powerhandle CVM steel blade, hardened, hard chromed. Wiha-powerhandle cellulose-acetate. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 36205 T5 50 2.0 2.5 .098 110 4.3 .03 10 36210 T6 50 2.0 3.5 .139 125 4.9 .06 10 36212 T7 50 2.0 3.5 .139 125 4.9 .06 10 36215 T8 60 2.4 3.5 .139 135 5.3 .06 10 36220 T9 60 2.4 4.0 .157 140 5.5 .09 10 36225 T10 80 3.1 4.0 .157 170 6.7 .13 10 36230 T15 80 3.1 4.0 .157 170 6.7 .13 10 36235 T20 100 3.9 4.0 .157 200 7.9 .17 10 36240 T25 100 3.9 4.5 .177 200 7.9 .18 10 36245 T27 115 4.5 5.5 .216 215 8.5 .20 10 36250 T30 115 4.5 6.0 .236 225 8.9 .28 10 Wiha Powerhandle 8 Pc. Set Blade high alloy CVM steel, hardened, hard chromed. Wiha- powerhandle cellulose-acetate, impact resistant. Item No. T6, T8, T10, T15, lbs. 36292 T20, T25, T27, T30 1.45 362 36292 36293 Wiha Proturn Screwdrivers Screwdriver, With Wiha-Proturn Handle Blade high alloy CVM steel, hardened, black finish. Molded on ergonomic Wiha-Proturn handle, impact resistant. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. 45505 T6 50 2.0 3.5 .139 129 5.1 .05 10 45506 T7 50 2.0 3.5 .139 129 5.1 .05 10 45511 T8 60 2.4 3.5 .139 139 5.5 .06 10 45516 T9 60 2.4 4.0 .157 149 5.8 .08 10 45521 T10 80 3.1 4.0 .157 170 6.7 .10 10 45526 T15 80 3.1 4.0 .157 170 6.7 .10 10 45531 T20 100 3.9 4.0 .157 190 7.5 .11 10 45536 T25 100 3.9 4.5 .177 190 7.5 .11 10 45541 T27 115 4.5 5.5 .216 215 8.4 .11 10 45546 T30 115 4.5 6.0 .236 215 8.4 .20 10 45551 T40 130 5.1 7.0 .275 240 9.4 .28 10 45561 T50 130 5.1 9.0 .354 240 9.4 .31 10 455 Set 6 Pcs. Item : No. T7, T8, T9, T10, lbs. 45591 T15, T20 .72 45591 Set 8 Pcs. Item No. T8, T9, T10, T15, lbs. 45592 T20, T25, T27, T30 1.10 45592 Set 11 Pcs. Item No. : 45589 T6, T7x50mm, T8, T9x60mm, lbs. T10, T15x80mm, T20, T25x100mm, 2.0 T27, T30x115mm, T40x130mm 45589 Black finish blades Through hardened for optimum wear resistance Molded on ergonomic handle proportioned to blade sizes proturn High performance tool steel 1/4 ” Bit Holding Screwdriver, With Wiha Proturn Handle Magnetic, holds bit and screw. Shaft CVM steel, nickel-plated. Handle, molded on, impact resistant. 48400 Item No. Size mm Inch mm Inch lbs. pkg. 48400 1/4 125 5.0 243 9.6 .24 10 Retainer out of stainless steel |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |