Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LSIC2SD120N40PA Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza LSIC2SD120N40PA
Descripción Electrónicos  SiC Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

LSIC2SD120N40PA Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  LSIC2SD120N40PA Datasheet HTML 1Page - Inchange Semiconductor Company Limited LSIC2SD120N40PA Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCDM7106
eq LSIC2SD120N40PA
SiC Diode Modules
www.iscsemi.com
1
FEATURES
· Excellent surge capability
· 175 °C maximum operating junction temperature
APPLICATIONS
· Solar inverters
· Switch-mode power supplies
· Battery Chargers
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF(AV)
Average Rectified Output Current, Per Leg
42
A
IFSM
Non-Repetitive Peak Forward Surge Current
TC = 25℃, tp = 10 ms, Half sine pulse
145
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.48
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Diode Forward Voltage
IF= 20A;TJ= 25℃
--
1.8
V
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
100
uA


Número de pieza similar - LSIC2SD120N40PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
LSIC2SD120A05 LITTELFUSE-LSIC2SD120A05 Datasheet
872Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120A08 LITTELFUSE-LSIC2SD120A08 Datasheet
835Kb / 5P
These diodes series are ideal for applications where im-provements in efficiency, reliability, and thermal manage-ment are desired
LSIC2SD120A10 LITTELFUSE-LSIC2SD120A10 Datasheet
879Kb / 6P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current
LSIC2SD120A15 LITTELFUSE-LSIC2SD120A15 Datasheet
823Kb / 5P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability, and a maximum operating junction temperature of 175 째C.
LSIC2SD120A20 LITTELFUSE-LSIC2SD120A20 Datasheet
826Kb / 5P
This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability and a maximum operating junction temperature of 175 째C
More results

Descripción similar - LSIC2SD120N40PA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
SML10SIC03NJC SEME-LAB-SML10SIC03NJC Datasheet
194Kb / 2P
SiC SCHOTTKY DIODE
SML05SC06D3A SEME-LAB-SML05SC06D3A Datasheet
358Kb / 6P
SiC SCHOTTKY DIODE
logo
Sanken electric
FMCA-11065 SANKEN-FMCA-11065 Datasheet
200Kb / 5P
SiC Schottky Diode
logo
Inchange Semiconductor ...
STPSC20H065CW ISC-STPSC20H065CW Datasheet
400Kb / 2P
SiC Schottky Diode
logo
BASIC SEMICONDUCTOR
B1D02065K BASICSEMI-B1D02065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D02120E BASICSEMI-B1D02120E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D02120K BASICSEMI-B1D02120K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.1
B1D03120E BASICSEMI-B1D03120E Datasheet
588Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D05120E BASICSEMI-B1D05120E Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
B1D08065E BASICSEMI-B1D08065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 2.2
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com