Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

20006 Datasheet(PDF) 14 Page - Wiha Tools

No. de pieza 20006
Descripción Electrónicos  Professional Insulated Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WIHA [Wiha Tools]
Página de inicio  https://www.wihatools.com/
Logo WIHA - Wiha Tools

20006 Datasheet(HTML) 14 Page - Wiha Tools

Back Button 20006 Datasheet HTML 10Page - Wiha Tools 20006 Datasheet HTML 11Page - Wiha Tools 20006 Datasheet HTML 12Page - Wiha Tools 20006 Datasheet HTML 13Page - Wiha Tools 20006 Datasheet HTML 14Page - Wiha Tools 20006 Datasheet HTML 15Page - Wiha Tools 20006 Datasheet HTML 16Page - Wiha Tools 20006 Datasheet HTML 17Page - Wiha Tools 20006 Datasheet HTML 18Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
1000Volt
1000Volt
24 Piece Insulated 1/2” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. Set includes the following:
3/8, 7/16, 1/2, 9/16, 5/8, 11/16, 3/4, 13/16, 7/8, 15/16, 1” Sockets
1/2” x 125mm Extension Bar
lbs.
1/2” x 250mm Extension Bar
11.41
1/2” Ratchet - 260mm
Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm & Phillips: 1, 2, 3
6.3” Long Nose Pliers
8.0” Combo Pliers
6.3” Diagonal Cutters
24 Piece Insulated 1/2” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated to EN/IEC 60900.
Item No. Set includes the following:
8, 9, 10, 12, 13, 14, 15, 17, 19, 22, 24mm Sockets
1/2” x 125mm Extension Bar
lbs.
1/2” x 250mm Extension Bar
11.39
1/2” Ratchet - 260mm
Insulated Electrician’s Knife - 50mm
Slotted: 3.5, 4.5, 6.5mm & Phillips: 1, 2, 3
6.3” Long Nose Pliers
8.0” Combo Pliers
6.3” Diagonal Cutters
Metric
Wiha Insulated 1/2” Sockets & Sets
Insulated 1/2” Drive Sockets - Insulation According to
ASTM F-1505-01, DIN 7448 & CSA Specification, Up To 1000 Volt.
Individually Tested. CV steel, forged, oil-hardened.
Item
No.
Inch
lbs.
pkg.
5/16
.16
1
11/32
.16
1
3/8
.16
1
7/16
.16
1
1/2
.16
1
9/16
.17
1
5/8
.19
1
11/16
.19
1
3/4
.21
1
13/16
.23
1
7/8
.27
1
15/16
.35
1
1
.33
1
1-1/8
.44
1
1-1/4
.58
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
Insulated 1/2” Drive Sockets - Metric Insulation According
to VDE, DIN 7448 & CSA Specification, Up To 1000 Volt.
Item
No.
mm
lbs.
pkg.
8.0
.15
1
9.0
.15
1
10.0
.16
1
11.0
.16
1
12.0
.16
1
13.0
.17
1
14.0
.17
1
15.0
.17
1
16.0
.19
1
17.0
.19
1
18.0
.20
1
19.0
.21
1
20.0
.25
1
21.0
.25
1
22.0
.28
1
23.0
.29
1
24.0
.30
1
26.0
.37
1
27.0
.41
1
28.0
.44
1
30.0
.51
1
32.0
.55
1
1000Volt
Individually Tested
Each tool individually tested to 10,000 volts &
certified to 1000 Volt ac or 1500 Volt dc
Wiha Insulated 1/2” Sockets & Sets
14
*Sockets must be used with insulated ratchets & extensions
Insulated 1/2” Drive Breaker Bar, IEC/EN 60900 & CSA
Chrome-Vanadium steel.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
1/2”
250
9.8
1.04
1
1000Volt
31703
31704
31705
31707
31708
31709
31710
31712
31713
31714
31715
31716
31718
31720
31722
31608
31609
31610
31611
31612
31613
31614
31615
31616
31617
31618
31619
31620
31621
31622
31623
31624
31626
31627
31628
31630
31632
317
316
31790
31790
31691
31691
12326
12326
SHOP
SHOP
SHOP
SHOP
SHOP
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com