| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
720239 Datasheet(PDF) 1 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
720239 Datasheet(HTML) 1 Page - Lapp. |
|
1 / 5 page ![]() 800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com 457 EPIC® Pin & Sleeve Connectors Male plugs mate with female connectors, panel-mounted receptacles, and switched-socket outlets. Male inlets mate with female connectors. Dimensional drawings can be found on the indicated pages and are the same for North American and international standards. Circuit wiring diagrams can be found on page 484. Additional configurations are available: see www.lappusa.com for a complete listing. IP44 IP67 North American Standard 20A Pin & Sleeve Connectors Male Plugs & Inlets Dimensional Data Connectors: page 463 Receptacles: page 464 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP44 IP44 IP67 20A Male Plugs Male Inlets 125 3 1+N+PE 4 477203FX 700124FX 475202FX 476203FX 250 3 2+PE 6 477303FX 700126FX 475302FX 476303FX 3Ø 250 4 3+PE 9 477313FX 700139FX 475312FX 476313FX 3Ø 480 4 3+PE 7 477513FX 700137FX 475512FX 476513FX Female Connectors & Receptacles Dimensional Data Connectors: page 465 Receptacles: page 466 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position IP67 IP44 IP67 IP44 IP44 20A Female Connectors Female Receptacles 125 3 1+N+PE 4 473203FX 720124FX 471263FX 431611FX 471262FX 250 3 2+PE 6 473303FX 720126FX 471363FX 431622FX 471362FX 3Ø 250 4 3+PE 9 473313FX 720139FX 471373FX 441622FX 471372FX 3Ø 480 4 3+PE 7 473513FX 720137FX 471573FX 441650FX 471572FX Switched-Socket Outlets Dimensional Data page 466 Color Code Voltage / Current Rating Number of Wires Number of Poles Ground-Clock Position With Fuse Holder IP66/67 Direct Connect IP67 20A EPIC® ULYSSE EPIC® ALUPRES 125 3 1+N+PE 4 400124FX 460124FX 250 3 2+PE 6 400126FX 460126FX 3Ø 250 4 3+PE 9 400139FX 460139FX 3Ø 480 4 3+PE 7 400137FX 460137FX |
Número de pieza similar - 720239 |
|
Descripción similar - 720239 |