| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
33471 Datasheet(PDF) 11 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
33471 Datasheet(HTML) 11 Page - Wiha Tools |
|
11 / 44 page ![]() 11 Ball & Standard Hex In One Powerful Tool Two component soft grip handle Maximum Comfort & Maximum Power Wiha Soft Grip Dual Drive T-handle Two Tools In One! Through the handle side torque drive 540 Soft Grip Ball End Hex Metric Dual Drive T-handle Item No. mm mm Tip lbs. pkg. 54020 2.0 150 Ball .06 10 54025 2.5 150 Ball .06 10 54030 3.0 150 Ball .07 10 54042 4.0 150 Ball .09 10 54052 5.0 150 Ball .18 10 54062 6.0 150 Ball .21 10 54082 8.0 200 Ball .35 10 54088 10.0 200 Ball .55 10 8 Pc. Ball End Hex Metric Soft Grip T-handle Set- No stand Item No. mm mm mm mm lbs. 54095 54020 2.0 150 54052 5.0 150 1.90 54025 2.5 150 54062 6.0 150 54030 3.0 150 54082 8.0 200 54042 4.0 150 54088 10.0 200 54095 For angle entry 540 Soft Grip Ball End Hex Inch Dual Drive T-handle Chrome-V-Moly, hardened, hard chrome finish. Ball tip for speed & easy insertion. Wiha soft grips are molded on with through the handle side torque drive. Item No. Inch Inch Tip lbs. pkg. 54007 3/32 5.9 Ball .06 10 54008 7/64 5.9 Ball .07 10 54009 1/8 5.9 Ball .08 10 54010 9/64 5.9 Ball .08 10 54001 5/32 5.9 Ball .09 10 54002 3/16 5.9 Ball .17 10 54003 7/32 5.9 Ball .20 10 54004 1/4 5.9 Ball .23 10 54005 5/16 7.9 Ball .35 10 54006 3/8 7.9 Ball .51 10 For angle entry 10 Pc. Ball End Hex Inch Soft Grip T-handle Set- No stand Item No. Inch Inch Inch Inch lbs. 54097 54007 3/32 5.9 54002 3/16 5.9 2.15 54008 7/64 5.9 54003 7/32 5.9 54009 1/8 5.9 54004 1/4 5.9 54010 9/64 5.9 54005 5/16 7.9 54001 5/32 5.9 54006 3/8 7.9 54097 Item No. Inch Inch Inch Inch lbs. 54094 54009 1/8 5.9 54003 7/32 5.9 3.37 54010 9/64 5.9 54004 1/4 5.9 54001 5/32 5.9 54005 5/16 5.9 54002 3/16 5.9 54006 3/8 7.9 Hard Chrome Finish Hard Chrome Finish Item No. mm mm lbs. 54092 54020 2.0 150 3.34 54025 2.5 150 54030 3.0 150 54042 4.0 150 54052 5.0 150 54062 6.0 150 54082 8.0 200 54088 10.0 200 54092 8 Piece Ball End Hex Metric Soft Grip T-handle Set Blade Chrome-V-Moly, hardened, chrome finish. Wiha soft grips are molded on with through the handle side torque drive. 54094 8 Piece Ball End Hex Inch Soft Grip T-handle Set Blade Chrome-V-Moly, hardened, chrome finish. Wiha soft grips are molded on with through the handle side torque drive. • Chrome-V-Moly, hardened, hard chrome finish • Ball tip for speed & easy insertion • Wiha soft grip are molded on and include through the handle side torque drive. In metal stand In metal stand #54094 Wiha exclusive Chrome-V-Moly super tool steel, through hardened durability, hard chrome finish www.wihatools.com SHOP SHOP SHOP SHOP SHOP SHOP |