| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2KBP02M.. Datasheet(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
2KBP02M.. Datasheet(HTML) 1 Page - Multicomp Pro |
|
1 / 3 page ![]() www.element14.com www.farnell.com www.newark.com Page <1> V1.0 31/10/12 Bridge Rectifier Features: • In-line glass passivated single phase rectifier bridge • Surge overload rating: 60 Amperes peak • Ideal for printed circuit board • Reliable low cost construction utilizing moulded plastic technique Mechanical Data: Terminals : Lead solderable per MIL-STD-202, Method 208 Mounting position : Any Weight : 0.06oz, 1.7g Parameter 2KBP02M 2KBP08M Units Maximum recurrent peak reverse voltage 200 800 V Maximum RMS bridge input voltage 140 560 Maximum DC blocking voltage 200 800 Maximum average rectified output current at 25°C ambient 2 A Peak one cycle surge overload current 60 Maximum forward voltage drop per bridge element at 3.14A DC 1.1 V Maximum (Total bridge) reverse leakage at rated DC blocking voltage 5 mA Maximum (Total bridge) reverse leakage at rated DC blocking voltage and 100°C 0.5 I2t Rating for fusing ( t <8.35ms) 15 A2 Seconds Typical junction capacitance per leg (Note 1) CJ 25 pF Typical thermal resistance per leg (Note 2) RθJA Typical thermal resistance per leg (Note 2) RθJL 30 11 °C/W Operating temperature range -55 to +125 °C Storage temperature range -55 to +150 Notes: 1. Measured at 1MHz and applied reverse voltage of 4V. 2. Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.47" × 0.47" (12mm × 12mm) copper pads. Maximum Ratings and Electrical Characteristics: Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. |
Número de pieza similar - 2KBP02M.. |
|
Descripción similar - 2KBP02M.. |