Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RB24GD1221 Datasheet(PDF) 6 Page - E-SWITCH

No. de pieza RB24GD1221
Descripción Electrónicos  RB 2 Series Rocker Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  E-SWITCH [E-SWITCH]
Página de inicio  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RB24GD1221 Datasheet(HTML) 6 Page - E-SWITCH

  RB24GD1221 Datasheet HTML 1Page - E-SWITCH RB24GD1221 Datasheet HTML 2Page - E-SWITCH RB24GD1221 Datasheet HTML 3Page - E-SWITCH RB24GD1221 Datasheet HTML 4Page - E-SWITCH RB24GD1221 Datasheet HTML 5Page - E-SWITCH RB24GD1221 Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.e-switch.com
800.867.2717
6
rb2 SerieS rocker Switch
illumination type/
marking type
SHEET OF
5
5
RB2 Catalog Drawing 8/24/2017
MARKING TYPE
ILLUMINATION TYPE
0 - NONE
1 - I/O
VERTICAL
2 - ON-OFF-ON
VERTICAL
3 - ON-OFF
VERTICAL
9 - I/O/II
HORIZONTAL
S - I/O/II
VERTICAL
R - I/O
HORIZONTAL
4 - ON-OFF
HORIZONTAL
2 - ROUND
19.00
[.748 in]
31.60
[1.244 in]
25.00
[.984 in]
32.00
[1.260 in]
25.50
[1.004 in]
19.00
[.748 in]
1 - FULL



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com