Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2785105 Datasheet(PDF) 2 Page - Labfacility Ltd

No. de pieza 2785105
Descripción Electrónicos  ANSI High Temperature Glassfibre Twin Twisted Exposed Welded Tip Thermocouples with Standard Plug Termination
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LABFACILITY [Labfacility Ltd]
Página de inicio  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2785105 Datasheet(HTML) 2 Page - Labfacility Ltd

  2785105 Datasheet HTML 1Page - Labfacility Ltd 2785105 Datasheet HTML 2Page - Labfacility Ltd 2785105 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
EJ - 2
Nov-23
Specifications
General Description
Fast response welded exposed junction. Good temperature
resistance (not suitable in fluids).
Thermocouple Type
K
Thermocouple Junction
Exposed
Cable Length
5, 10 or 20-metre-long
Cable Type
high temperature glassfibre insulated twisted cable
Core / Strands
1/0.711mm conductors (21awg)
Cable Termination
Standard plug termination
Max. Temperature
+700°C
Min. Temperature
0°C
Tolerance
Tolerance to ANSI MC96.1 Class 2
Standards Met
Colour code to ANSI MC96.1
Ordering Information
Type Style
Material
Cable Size
Length
Termination Manufacturers Code
Farnell
Order
Number
K
TWIN
TWISTED
GLASSFIBRE
1/0.711mm
5m
(16.4 ft)
Standard
Plug
Z3-K-5.0-C36-SP-ANSI
2785105
K
TWIN
TWISTED
GLASSFIBRE
1/0.711mm
10m
(32.8ft)
Standard
Plug
Z3-K-10.0-C36-SP-ANSI
2785106
K
TWIN
TWISTED
GLASSFIBRE
1/0.711mm
20m
(65.6ft)
Standard
Plug
Z3-K-20.0-C36-SP-ANSI
2785107



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com