Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

4520121 Datasheet(PDF) 1 Page - Lapp.

No. de pieza 4520121
Descripción Electrónicos  H07V-K
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LAPP [Lapp.]
Página de inicio  https://e.lapp.com/us/
Logo LAPP - Lapp.

4520121 Datasheet(HTML) 1 Page - Lapp.

  4520121 Datasheet HTML 1Page - Lapp. 4520121 Datasheet HTML 2Page - Lapp. 4520121 Datasheet HTML 3Page - Lapp. 4520121 Datasheet HTML 4Page - Lapp. 4520121 Datasheet HTML 5Page - Lapp. 4520121 Datasheet HTML 6Page - Lapp. 4520121 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT INFORMATION
H07V-K <HAR>
European <HAR> cable type certification
H07V-K, HAR, power and control cable, PVC, 450/750V, wiring of devices and control cabinets, flame-retardant, class 5/ fine
wire, fixed installation, ring/spool
Info
CPR: Article number choice under www.lappkabel.com/cpr
<HAR>
Benefits
Cables' <HAR>marking also stands for the international endorsement of national certification institutes' testing marks and
certificates, e. g. <VDE><HAR>. The <HAR>marking is of special importance in case of goods traffic between European
countries.
Application range
Laying in tubes, exposed or buried in plaster, and in closed installation ducts
For direct laying on racks, troughs and tubes only as potential equalisation conductor
Product features
Flame-retardant according IEC 60332-1-2
Spool: d1 = 18 mm; d2 = 200 mm; b = 85 mm
Norm references / Approvals
<HAR> cable type certification acc. EN 50525-2-31
No cable type certified core insulation colours according to EN 50525-1/ VDE 0285-525-1: transparent, green (single colour),
yellow (single colour), all double colours (except of green-yellow and yellow-green)
Product Make-up
Fine-wired copper conductor of bare copper strands in line with conductor class 5 acc. IEC 60228
Core insulation: Based on PVC
Last Update (05.06.2018)
1 / 7
©2018 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Número de pieza similar - 4520121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Spectrum Microwave, Inc...
452015 SPECTRUM-452015 Datasheet
71Kb / 1P
FREQUENCY SYNTHESIZER
logo
API Technologies Corp
452015 APITECH-452015 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
452016 APITECH-452016 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
452017 APITECH-452017 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
452018 APITECH-452018 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
More results

Descripción similar - 4520121

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHIELD s.r.l.
MN-PK SHIELD-MN-PK Datasheet
86Kb / 1P
PVC, HAR approved
logo
List of Unclassifed Man...
09120053101 ETC2-09120053101 Datasheet
642Kb / 1P
Har - bus 64
17051332201 ETC2-17051332201 Datasheet
177Kb / 1P
har-bus짰 HM male connector
U4180404 ETC2-U4180404 Datasheet
914Kb / 1P
HAR Hook-up Wire
logo
HARTING Technology Grou...
02-09-500-1029 HARTING-02-09-500-1029 Datasheet
449Kb / 1P
har-modular fixing rail 147.22
02-09-500-1028 HARTING-02-09-500-1028 Datasheet
449Kb / 1P
har-modular fixing rail 142.14
02-09-500-1007 HARTING-02-09-500-1007 Datasheet
448Kb / 1P
har-modular fixing rail 35.46
02-09-500-1006 HARTING-02-09-500-1006 Datasheet
448Kb / 1P
har-modular fixing rail 30.38
02-09-500-0002 HARTING-02-09-500-0002 Datasheet
472Kb / 1P
har-modular assembling aid
02-09-500-1020 HARTING-02-09-500-1020 Datasheet
447Kb / 1P
har-modular fixing rail 101.50
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com