| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST10R172L Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10R172L Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 68 page ![]() 67/68 ST10R172L - ELECTRICAL CHARACTERISTICS 1 The transition of shift and latch edge of SSPCLK is programmable. This figure uses the falling edge as shift edge (drawn bold). 2 The bit timing is repeated for all bits to be transmitted or received. 3 The active level of the chip enable lines is programmable. This figure uses an active low CE (drawn bold). At the end of a transmission or reception the CE signal is disabled in sin- gle transfer mode. In continuous transfer mode it remains active. Figure 26 SSP write timing Figure 27 SSP read timing t 204 t 203 SSPCLK SSPCEx SSPDAT t 205 t 207 t 207 t 207 t 208 t 209 t 206 1st Bit Last Bit 2nd Bit t 200 t 201 t 202 1) 3) 2) t 211 SSPCLK SSPCEx SSPDAT t 209 t 206 last Wr. Bit Lst.In Bit 1) 3) 2) t 212 1st.In Bit t 210 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |