| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
575T20DF Datasheet(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
575T20DF Datasheet(HTML) 2 Page - CTS Corporation |
|
2 / 4 page ![]() Document No. 008-0307-0 Page 2 - 4 Rev. A ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ Model 575 7x5mm Ceramic Package Clipped Sinewave VCTCXO ELECTRICAL CHARACTERISTICS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Maximum Supply Voltage VCC - -0.5 - 7.0 V Maximum Control Voltage VC --0.5 - VCC V Storage Temperature TSTG - -55 - 125 °C Frequency Range fO -10 - 36 MHz Frequency Stability ∆f/fO Frequency vs. Temperature ± ppm Frequency Stability vs. Supply Voltage 5% change -- 0.2 vs. Load 10% change -- 0.2 vs. Aging 1st year -- 1.0 Pulling Range - VC = 1.5V ±1.0V ± ppm Operating Temperature Order Code 'H' -10 60 Order Code 'C' -20 70 Order Code 'D' -30 85 Order Code 'I' -40 85 Supply Voltage Order Code 'T' 2.66 2.8 2.94 Order Code 'R' 2.85 3.0 3.15 Order Code 'L' 3.14 3.3 3.47 Order Code 'S' 4.75 5.0 5.25 Supply Current 10.00 MHz - 15.00 MHz - - 1.5 15.10 MHz - 25.00 MHz - -2.0 25.10 MHz - 36.00 MHz - -2.5 Output Load RL // CL - Control Voltage VC - 0.5 1.5 2.5 V Output Voltage Levels VO Clipped Sinewave 0.8 - - Vp-p VC Input Impedance ZC -1.0 - - MOhm Start Up Time TS -- - 2 ms Phase Noise @100 Hz - -110 - @1 kHz - -130 - @10 kHz - -140 - °C mA V Refer to Ordering Information TA - Refer to Ordering Information 25 10 kOhm // 10 pF - ± ppm VCC - ICC - dBc/Hz |