Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS2602D Datasheet(PDF) 17 Page - NXP Semiconductors

No. de pieza FS2602D
Descripción Electrónicos  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS2602D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button FS2602D Datasheet HTML 13Page - NXP Semiconductors FS2602D Datasheet HTML 14Page - NXP Semiconductors FS2602D Datasheet HTML 15Page - NXP Semiconductors FS2602D Datasheet HTML 16Page - NXP Semiconductors FS2602D Datasheet HTML 17Page - NXP Semiconductors FS2602D Datasheet HTML 18Page - NXP Semiconductors FS2602D Datasheet HTML 19Page - NXP Semiconductors FS2602D Datasheet HTML 20Page - NXP Semiconductors FS2602D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
11 Thermal ratings
Symbol
Description
Min
Typ
Max
Unit
TA
Ambient temperature
-40
—
125
°C
TJ
Junction temperature
-40
—
150
°C
TSTG
Storage temperature
-55
—
150
°C
TWARN
Temperature warning threshold to set TWARN_S SPI bit
145
155
170
°C
Table 6. Temperatures ranges
Symbol
Description
Value
Unit
RθJA
Thermal resistance Junction to Ambient[1]
25
°C/W
RθJCBOTTOM
Thermal resistance Junction to Case Bottom[2][3]
(with uniform power dissipation on the silicon die)
1.7
°C/W
RθJCTOP
Thermal resistance Junction to Case Top[1][3]
13.5
°C/W
ΨJT
Thermal characterization parameter Junction to Top[4]
0.8
°C/W
Table 7. Thermal resistance (per JEDEC JESD51-2)
[1]
Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is solely for a thermal
performance comparison of one package to another in a standardized specified environment. It is not meant to predict the performance of a package in an
application-specific environment.
[2]
Thermal resistance between the die and the printed circuit board. Board temperature is measured on the top surface of the board near the package.
[3]
For exposed pad packages where the pad would be expected to be soldered, junction to case thermal resistance is a simulated value from the junction to
the exposed pad without contact resistance.
[4]
Thermal test board meets JEDEC specification for this package (JESD51-7).
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
17 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com