| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EYGS0612ZLSG Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EYGS0612ZLSG Datasheet(HTML) 7 Page - Panasonic Semiconductor |
|
7 / 7 page ![]() Graphite Sheets, Graphite-PAD, Graphite-TIM ■Do not reuse this product after removal from the mounting board. ■Do not drop this product on the floor. If this product is dropped, it can be damaged mechanically. Avoid using the dropped product. ■This product is soft, do not rub or touch it with rough materials to avoid scratching it. ■Lines or folds in this product may affect thermal conductivity. ■Never touch a this product during use because it may be extremely hot. ■Use protective materials when handling and/or applying this product, do not use items with sharp edges as they might tear or puncture this product. ■Do not handle with bare hands as there is a concern about performance degradation. ■Storage period is less than one year after our shipping inspection is completed. Please use within the period. ■If the product is stored in the following environments and conditions, the performance may be badly affected, avoid the storage in the following environments. (1) Storage in places full of corrosive gases such as sea breeze, Cl2, H2S, NH3, SO2, and NOX. (2) Storage in places exposed to ultraviolet light. *Recommended storage in the dark. (3) Store at a temperature outside the storage temperature range specified by this catalog. ■In the case of a product configuration that assumes bonding, please use after checking the adhesiveness of the product when the storage period is over. ■This product has conductivity. If required, This product should be provided insulation. ■This product can not guarantee the insulation because there is a concern for powder falling off of conductive materials. ■Thermal conductivity is dependent on the way it is used. Test the adaptability of the product to your application before use. ■No ODCs or other ozone-depleting substances which are subject to regulation under the Montreal Protocol are used in our manufacturing processes, including in the manufacture of this product. ■This product complies with the RoHS Directive (Restriction of the use of certain Hazardous Substances in electrical and electronic equipment (DIRECTIVE 2011/65/EU and (EU)2015/863). ■All the materials used in this part are registered material under the Law Concerning the Examination and Regulation of Manufactures etc. of Chemical substances. ■If you need the notice by letter of "A preliminary judgment on the Laws of Japan foreign exchange and Foreign Trade control", be sure to let us know. ■These products are not dangerous goods on the transportation as identified by UN(United Nations) numbers or UN classification. ■As to the disposal of the module, check the method of disposal in each country or region where the modules are incorporated in your products to be used. ■The technical information in this catalog provides examples of our products typical operations and application circuits. We do not guarantee the non-infringement of third party's intellectual property rights and we do not grant any license, right, or interest in our intellectual property. 1-Oct-19 Precaution of installation Precaution on storage conditions Precaution specific to this product Applicable laws and regulations, others |