Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RTP2C Datasheet(PDF) 3 Page - REAN

No. de pieza RTP2C
Descripción Electrónicos  Mono 2 pole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REAN [REAN]
Página de inicio  https://www.rean-connectors.com/
Logo REAN - REAN

RTP2C Datasheet(HTML) 3 Page - REAN

  RTP2C Datasheet HTML 1Page - REAN RTP2C Datasheet HTML 2Page - REAN RTP2C Datasheet HTML 3Page - REAN  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Information
Product
Title
RTP2C
Connection Type
Plug
Electrical
Contact Resistance
≤
10 mΩ
Insulation Resistance
>200 MΩ(Initial)
Dielectric Strength
500V dc 50HZ
Mechanical
Insertion and Withdrawal Force
≤
60 N
Lifetime
>1,000 Mating Cycles
Cable O.D.
2 - 4 mm
Wiresize
0.24 mm²
Wiresize
24 AWG
Material
Sleeve Assembly
Brass
Sleeve
Brass
Housing
Zinc
Sleeve Assembly
Nickel Plating
Sleeve
Nickel Plating
Housing
Nickel Plating
RTP2C
All rights reserved / 25.12.2022
/



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com