Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2785114 Datasheet(PDF) 2 Page - Labfacility Ltd

No. de pieza 2785114
Descripción Electrónicos  Adjustable Bayonet Thermocouple, Glassfibre Stainless Steel Overbraided Cable - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LABFACILITY [Labfacility Ltd]
Página de inicio  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2785114 Datasheet(HTML) 2 Page - Labfacility Ltd

  2785114 Datasheet HTML 1Page - Labfacility Ltd 2785114 Datasheet HTML 2Page - Labfacility Ltd 2785114 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-2
Oct-23
Adjustable Bayonet Thermocouple with 200mm spring
with adjustable fixing cap (11.5mm I.D. single slot)
Specifications
General Description
Thermocouple with adjustable insertion depth
Sensor Type
6.0mm diameter tip
Thermocouple Type
K or J
Thermocouple
Junction
Grounded tip for fast response
Cable Length
2 or 3m
Cable Type
Glassfibre insulated lead with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Standard Plug with Cable Clamps
Max. Temperature
+350°C
Min. Temperature
-60°C
Standards Met
Colour code (cores & jacket) to IEC-584-3
Bayonet cap
11.5mm I.D. single slot
Tip
6.0mm diameter x 8mm long stainless steel
Spring
6.0mm diameter x 200mm long overall
Ordering Information
Thermocouple
Type
Cable
Length
Termination
Manufacturers Code
Farnell
Order Code
K
2m
Standard Plug FS-GSK-6.0-2.0-C4-SP-I-Z Z=C/C
3584286
K
3m
Standard Plug FS-GSK-6.0-3.0-C4-SP-I-Z Z=C/C
2785115
J
2m
Standard Plug FS-GSJ-6.0-2.0-C4-SP-I-Z Z=C/C
2785114
J
3m
Standard Plug FS-GSJ-6.0-3.0-C4-SP-I-Z Z=C/C
4073494



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com