| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S32K311NHT0MLFST Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S32K311NHT0MLFST Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 142 page ![]() Table 10. Supply Monitoring (continued) Symbol Description Min Typ Max Unit Condition Spec Number LVR_VDD_HV_A LVR on VDD_HV_A, assert threshold (in FPM) 2.77 2.85 2.93 V — — LVR_VDD_HV_A LVR on VDD_HV_A, assert threshold (in RPM) 2.77 2.85 2.93 V — — — VDD_HV_A LVR monitor hysteresis — 18.75 — mV — — HVD_VDD_HV_A HVD on VDD_HV_A, assert threshold (in FPM) 5.787 5.887 5.987 V — — — VDD_HV_A HVD monitor hysteresis — 37.5 — mV — — LVR_VDD_HV_B LVR on VDD_HV_B, assert threshold (in FPM) 2.77 2.85 2.93 V — — LVR_VDD_HV_B LVR on VDD_HV_B, assert threshold (in RPM) 2.77 2.85 2.93 V — — — VDD_HV_B LVR monitor hysteresis — 18.75 — mV — — HVD_VDD_HV_B HVD on VDD_HV_B, assert threshold (in FPM) 5.787 5.887 5.987 V — — — VDD_HV_B HVD monitor hysteresis — 37.5 — mV — — LVD_VDD_HV_A Low Voltage Detect (LVD5A) on VDD_HV_A, assert threshold (in FPM) 4.33 4.41 4.49 V — — — VDD_HV_A LVD monitor hysteresis — 37.5 — mV — — VPOR_VDD_HV_A Power-On-Reset (VPOR) on VDD_HV_A, deassert threshold 0.9 1.5 2.2 V — — VREF12 Bandgap reference, trimmed 1.18 1.2 1.22 V — — 1. The HVD_V15 monitor is provided to indicate if the V15 rail is far above the standard V15 operating range , to ensure failures in the V15 regulator are detected NXP Semiconductors Power management S32K3xx Data Sheet, Rev. 9, 01/2024 Data Sheet: Technical Data Preliminary Information for S32K388 30 / 142 |